Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7013 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7013 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7013 Datasheet HTML 3Page - Analog Devices AD7013 Datasheet HTML 4Page - Analog Devices AD7013 Datasheet HTML 5Page - Analog Devices AD7013 Datasheet HTML 6Page - Analog Devices AD7013 Datasheet HTML 7Page - Analog Devices AD7013 Datasheet HTML 8Page - Analog Devices AD7013 Datasheet HTML 9Page - Analog Devices AD7013 Datasheet HTML 10Page - Analog Devices AD7013 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. A
AD7013
–7–
RECEIVE SECTION TIMING
(V
AA = +5 V ± 10%; VDD = +5 V ± 10%; AGND = DGND = 0 V,fMCLK = 6.2208 MHz;
T
A = TMIN to TMAX, unless otherwise noted)
MCLK (I)
RxCLK (O)
RxFRAME (O)
RxDATA (O)
I MSB
I LSB
1
t
17
t
18
t
19
t
20
t
21
t
22
t
23
t
24
15-BIT
I WORD
I/Q
FLAG BIT
15-BIT
Q WORD
Q LSB
Q MSB
0
I/Q
FLAG BIT
Q LSB
DxCLK (O)
I MSB
FINAL IQ PAIR PRIOR
TO POWER DOWN
CR14
NOTE: (O) INDICATES AN OUTPUT, (I) INDICATES AN INPUT
0
I LSB
1
Q MSB
The last DxCLK edge which is
used to write to Command Reg
One, setting CR14 to One
The last DxCLK edge which is
used to write to Command Reg
One, setting CR14 to Zero
t
25
t
16
Figure 3. Receive Serial Interface Timing with 4
× Sampling of the Symbol Rate (CR10 = 1)
Limit at
Parameter
T
A = –40°C to +85°C
Units
Description
t
16
Power-Up Receive to RxCLK
10240t
1
ns max
CR13 = 0, Rx Offset Autocalibration On
6144t
1
ns max
CR13 = 1, Rx Offset Autocalibration Off
t
17
30
ns min
Propagation Delay from MCLK Rising Edge to RxCLK Rising Edge
85
ns max
t
18
2t
1
ns
RxCLK Cycle Time; CR10 = 1; 4
× Sampling of the Symbol Rate
t
19
t
1–20
ns min
RxCLK High Pulse Width; CR10 = 1
t
20
t
1–20
ns min
RxCLK Low Pulse Width; CR10 = 1
t
21
–10
ns min
RxCLK Rising Edge to RxFRAME Rising Edge
10
ns max
t
22
32t
1
ns
RxFRAME Cycle Time; CR10 = 1
t
23
2t
1
ns
RxFRAME High Pulse Width; CR10 = 1
t
24
–10
ns min
RxDATA Valid After RxCLK Rising Edge
10
ns max
t
25
10t
1
ns min
DxCLK Rising Edge to Last Falling Edge RxCLK
64t
1
ns max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com