Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1601CS Datasheet(PDF) 1 Page - Allied Components International

Part # AH1601CS
Description  10/100 Base T Single Port Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AH1601CS Datasheet(HTML) 1 Page - Allied Components International

  AH1601CS Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVSIED 02/15/12
SCHEMATICS
Dimensions:inch( mm)
Unless otherwise specified, all tolerances are ±0.010(0.25)
0.272
(6.90)
0.504(12.80)
0.372
(9.45)
0.224
(5.70)
0.008
(0.20)
0.050
(1.27)
0.020
(0.50)
0.030(0.75)
0°~8°
0.340
(6.61)
0.420
(10.67)
0.030(0.76)
0.050(1.27)
0.350(8.89)
ALLIED
DATECODE
AH1601CS
All specifications subject to change without notice.
MECHANICAL
10/100 Base T Single Port Transformer
AH1601CS
Polarity: 1-16, 6-11, In-Phase
LL: 0.5µH Max @ 100KHz, 0.2V
DCR: 0.9
Cw/w: 25PF TYP @ 100KHz, 0.2V
Max
Operating Temp: 0ºC to 70ºC
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.2V
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
40MHz
AH1601CS
350
1CT:1CT(TX)/1CT:1CT(RX)
-1.1
-18
-16
60-80MHz
-12
50MHz
-14.5
Part
Number
AH1601CS
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms) 60S
-35
1500
0.3-30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
60-100MHz
-35
0.3-60MHz
-42
60MHz
Isolation
Ω


Similar Part No. - AH1601CS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AH1601CI ALLIED-AH1601CI Datasheet
539Kb / 2P
10/100 Base T Single Port LAN Filter Module
More results

Similar Description - AH1601CS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHSC-1605S ALLIED-AHSC-1605S Datasheet
293Kb / 1P
10/100 Base T Single Port Transformer
AHSC-1610S ALLIED-AHSC-1610S Datasheet
313Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1201I ALLIED-AHTA-1201I Datasheet
283Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1201S ALLIED-AHTA-1201S Datasheet
283Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1205S ALLIED-AHTA-1205S Datasheet
277Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1601S ALLIED-AHTA-1601S Datasheet
294Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1603S ALLIED-AHTA-1603S Datasheet
284Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1609S ALLIED-AHTA-1609S Datasheet
291Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1612S ALLIED-AHTA-1612S Datasheet
482Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1618S ALLIED-AHTA-1618S Datasheet
289Kb / 1P
10/100 Base T Single Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com