Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD705BQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD705BQ
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705BQ Datasheet(HTML) 8 Page - Analog Devices

  AD705BQ Datasheet HTML 1Page - Analog Devices AD705BQ Datasheet HTML 2Page - Analog Devices AD705BQ Datasheet HTML 3Page - Analog Devices AD705BQ Datasheet HTML 4Page - Analog Devices AD705BQ Datasheet HTML 5Page - Analog Devices AD705BQ Datasheet HTML 6Page - Analog Devices AD705BQ Datasheet HTML 7Page - Analog Devices AD705BQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD705
REV. B
–8–
A 1 Hz, 2-Pole, Active Filter
Table II gives recommended component values for the 1 Hz fil-
ter of Figure 26. An unusual characteristic of the AD705 is that
both the input bias current and the input offset current and their
drift remain low over most of the op amps rated temperature
range. Therefore, for most applications, there is no need to use
the normal balancing resistor tied between the noninverting ter-
minal of the op amp and ground. Eliminating the standard bal-
ancing resistor reduces board space and lowers circuit noise.
However, this resistor is needed at temperatures above 110
°C,
because input bias current starts to change rapidly, as shown by
Figure 27.
6
4
0.1µF
–VS
7
0.1µF
+VS
AD705
VOUT
C1
C3
0.01µF
R3
2M
Ω
R2
1M
Ω
C2
R1
1M
Ω
INPUT
OPTIONAL BALANCE
RESISTOR NETWORK
WITHOUT THE NETWORK,
PINS 2 AND 6 OF THE AD705
ARE TIED TOGETHER.
CAPACITORS C1, C2 AND C3 ARE SOUTHERN ELECTRONICS MPCC,
POLYCARBONATE,
±5%, 50 VOLT.
2
3
Figure 26. A 1 Hz, 2-Pole Active Filter
Table II. Recommended Component Values
for the 1 Hz Low-Pass Filter
Desired Low
Pole
Pole Q
C1 Value
C2 Value
Pass Response
Frequency
(Hz)
( F)
( F)
Bessel Response
1.27
0.58
0.14
0.11
Butterworth Response
1.00
0.707
0.23
0.11
0.1 dB Chebychev
0.93
0.77
0.26
0.11
0.2 dB Chebychev
0.90
0.80
0.28
0.11
0.5 dB Chebychev
0.85
0.86
0.32
0.11
1.0 dB Chebychev
0.80
0.96
0.38
0.10
Specified values are for a –3 dB point of 1.0 Hz. For other frequencies,
simply scale capacitors C1 and C2 directly; i.e., for 3 Hz Bessel response,
C1 = 0.046
µF, C2 = 0.037 µF.
90
–90
+140
0
–60
–40
–30
–60
60
30
+120
+80
+60
+40
+100
+20
0
–20
TEMPERATURE –
°C
WITHOUT OPTIONAL
BALANCE RESISTOR, R3
WITH OPTIONAL BALANCE
RESISTOR, R3
Figure 27. VOS vs. Temperature of 1 Hz Filter
0.310 (7.87)
0.220 (5.59)
0.015 (0.38)
0.008 (0.20)
0.005 (0.13) MIN
0.055 (1.4) MAX
1
4
5
8
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0.25R
(0.64)
0-15
°
0.32 (8.13)
0.29 (7.37)
PIN 1
4
5
1
8
0.0500
(1.27)
BSC
0.154
± 0.004
(3.91
± 0.10)
0.236
± 0.012
(6.00
± 0.20)
0.193
± 0.008
(4.90
± 0.10)
0.098
± 0.006
(2.49
± 0.23)
0.008
± 0.004
(0.203
± 0.075)
0.017
± 0.003
(0.42
± 0.07)
0.011
± 0.002
(0.269
± 0.03)
0.033
± 0.017
(0.83
± 0.43)
PIN 1
0.25
(6.35)
4
5
8
1
SEATING
PLANE
0.100
(2.54)
TYP
0.31
(7.87)
0.39 (9.91)
MAX
0.035
± 0.01
(0.89
± 0.25)
0.18
± 0.03
(4.57
± 0.76)
0.033
(0.84)
NOM
0.018
± 0.003
(0.46
± 0.08)
0.125 (3.18)
MIN
0.165
± 0.01
(4.19
± 0.25)
0.30 (7.62)
REF
0.011
± 0.003
(0.28
± 0.08)
0-15
°
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip (Q) Package
Plastic Mini-DIP (N) Package
8-Pin SOIC (R) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com