Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712BQ Datasheet(PDF) 13 Page - Analog Devices

Part # AD712BQ
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712BQ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD712BQ Datasheet HTML 7Page - Analog Devices AD712BQ Datasheet HTML 8Page - Analog Devices AD712BQ Datasheet HTML 9Page - Analog Devices AD712BQ Datasheet HTML 10Page - Analog Devices AD712BQ Datasheet HTML 11Page - Analog Devices AD712BQ Datasheet HTML 12Page - Analog Devices AD712BQ Datasheet HTML 13Page - Analog Devices AD712BQ Datasheet HTML 14Page - Analog Devices AD712BQ Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD712
REV. B
–13–
SECOND ORDER LOW PASS FILTER
Figure 38 depicts the AD712 configured as a second order
Butterworth low pass filter. With the values as shown, the corner
frequency will be 20 kHz; however, the wide bandwidth of the
AD712 permits a corner frequency as high as several hundred
kilohertz. Equations for component selection are shown below.
R1 = R2 = user selected (typical values: 10 k
Ω – 100 kΩ)
C1(in farads )
=
1.414
(2
π)( f
cutoff )( R1)
C2
=
0.707
(2
π)( f
cutoff )( R1)
+15V
1/2
AD712
0.1 F
0.1 F
–15V
VOUT
C2
280pF
R2
20k
R1
20k
C1
560pF
VIN
Figure 38. Second Order Low Pass Filter
An important property of filters is their out-of-band rejection.
The simple 20 kHz low pass filter shown in Figure 38, might be
used to condition a signal contaminated with clock pulses or
sampling glitches which have considerable energy content at
high frequencies.
The low output impedance and high bandwidth of the AD712
minimize high frequency feedthrough as shown in Figure 39.
The upper trace is that of another low-cost BiFET op amp
showing 17 dB more feedthrough at 5 MHz.
REF 20.0 dBm
10 dB/DIV
RANGE 15.0 dBm
OFFSET .0 Hz
0 dB
CENTER 5 000 000.0 Hz
RBW 30 kHz
SPAN 10 000 000.0 Hz
ST .8 SEC
VBW 30 kHz
AD712
TYPICAL BIFET
Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com