Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7225 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7225
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225 Datasheet(HTML) 2 Page - Analog Devices

  AD7225 Datasheet HTML 1Page - Analog Devices AD7225 Datasheet HTML 2Page - Analog Devices AD7225 Datasheet HTML 3Page - Analog Devices AD7225 Datasheet HTML 4Page - Analog Devices AD7225 Datasheet HTML 5Page - Analog Devices AD7225 Datasheet HTML 6Page - Analog Devices AD7225 Datasheet HTML 7Page - Analog Devices AD7225 Datasheet HTML 8Page - Analog Devices AD7225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD7225–SPECIFICATIONS
DUAL SUPPLY
K, B
L, C
Parameter
Versions
2
Versions
2
T Version
U Version
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
8
8
Bits
Total Unadjusted Error
± 2
± 1
± 2
± 1
LSB max
VDD = +15 V ± 5%, VREF = +10 V
Relative Accuracy
± 1
± 1/2
± 1
± 1/2
LSB max
Differential Nonlinearity
± 1
± 1
± 1
± 1
LSB max
Guaranteed Monotonic
Full-Scale Error
± 1
± 1/2
± 1
± 1/2
LSB max
Full-Scale Temp. Coeff.
± 5
± 5
± 5
± 5
ppm/
°C typ
VDD = 14 V to 16.5 V, VREF = +10 V
Zero Code Error @ 25
°C
± 25
± 15
± 25
± 15
mV max
TMIN to TMAX
± 30
± 20
± 30
± 20
mV max
Zero Code Error Temp Coeff.
± 30
± 30
± 30
± 30
µV/°C typ
REFERENCE INPUT
Voltage Range
2 to (VDD – 4) 2 to (VDD – 4) 2 to (VDD – 4)
2 to (VDD – 4)
V min to V max
Input Resistance
11
11
11
11
k
Ω min
Input Capacitance
3
100
100
100
100
pF max
Occurs when each DAC is loaded with all 1s.
Channel-to-Channel Isolation
3
60
60
60
60
dB min
VREF = 10 V p-p Sine Wave @ 10 kHz
AC Feedthrough
3
–70
–70
–70
–70
dB max
VREF = 10 V p-p Sine Wave @ 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
Input Leakage Current
± 1
± 1
± 1
± 1
µA max
VIN = 0 V or VDD
Input Capacitance
3
8
8
8
8
pF max
Input Coding
Binary
Binary
Binary
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
3
2.5
2.5
2.5
2.5
V/
µs min
Voltage Output Settling Time
3
Positive Full-Scale Change
5
5
5
5
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Negative Full-Scale Change
5
5
5
5
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Digital Feedthrough
3
50
50
50
50
nV secs typ
Code transition all 0s to all 1s.
Digital Crosstalk
3
50
50
50
50
nV secs typ
Code transition all 0s to all 1s.
Minimum Load Resistance
2
2
2
2
k
Ω min
VOUT = +10 V
POWER SUPPLIES
VDD Range
11.4/16.5
11.4/16.5
11.4/16.5
11.4/16.5
V min to V max For Specified Performance
IDD
10
10
12
12
mA max
Outputs Unloaded; VIN = VINL or VINH
ISS
9
9
10
10
mA max
Outputs Unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS
3, 4
t1
@ 25
°C
95
95
95
95
ns min
Write Pulse Width
TMIN to TMAX
120
120
150
150
ns min
t2
@ 25
°C
0
0
0
0
ns min
Address to Write Setup Time
TMIN to TMAX
0
0
0
0
ns min
t3
@ 25
°C
0
0
0
0
ns min
Address to Write Hold Time
TMIN to TMAX
0
0
0
0
ns min
t4
@ 25
°C
70
70
70
70
ns min
Data Valid to Write Setup Time
TMIN to TMAX
90
90
90
90
ns min
t5
@ 25
°C
10
10
10
10
ns min
Data Valid to Write Hold Time
TMIN to TMAX
10
10
10
10
ns min
t6
@ 25
°C
95
95
95
95
ns min
Load DAC Pulse Width
TMIN to TMAX
120
120
150
150
ns min
NOTES
1Maximum possible reference voltage.
2Temperature ranges are as follows:
K, L Versions: –40
°C to +85°C
B, C Versions: –40
°C to +85°C
T, U Versions: –55
°C to +125°C
3Sample Tested at 25
°C to ensure compliance.
4Switching characteristics apply for single and dual supply operation.
Specifications subject to change without notice.
(VDD = 11.4 V to 16.5 V, VSS = –5 V
10%; AGND = DGND = O V; VREF = +2 V to (VDD – 4 V)
1 unless otherwise noted.
All specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com