Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712JN Datasheet(PDF) 1 Page - Analog Devices

Part # AD712JN
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712JN Datasheet(HTML) 1 Page - Analog Devices

  AD712JN Datasheet HTML 1Page - Analog Devices AD712JN Datasheet HTML 2Page - Analog Devices AD712JN Datasheet HTML 3Page - Analog Devices AD712JN Datasheet HTML 4Page - Analog Devices AD712JN Datasheet HTML 5Page - Analog Devices AD712JN Datasheet HTML 6Page - Analog Devices AD712JN Datasheet HTML 7Page - Analog Devices AD712JN Datasheet HTML 8Page - Analog Devices AD712JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD712
CONNECTION DIAGRAMS
TO-99
(H) Package
OUTPUT
INVERTING
OUTPUT
NONINVERTING
OUTPUT
OUTPUT
INVERTING
INPUT
NONINVERTING
INPUT
–VS
+VS
AMPLIFIER NO. 2
AMPLIFIER NO. 1
AD712
Plastic Mini-DIP (N) Package
SOIC (R) Package and Cerdip (Q) Package
8
7
6
5
1
2
3
4
OUTPUT
INVERTING
OUTPUT
NONINVERTING
OUTPUT
V+
OUTPUT
INVERTING
INPUT
NONINVERTING
INPUT
V–
AD712
AMPLIFIER NO. 2
AMPLIFIER NO. 1
FEATURES
Enhanced Replacements for LF412 and TL082
AC PERFORMANCE
Settles to
0.01% in 1.0 ms
16 V/ s min Slew Rate (AD712J)
3 MHz min Unity Gain Bandwidth (AD712J)
DC PERFORMANCE
0.30 mV max Offset Voltage: (AD712C)
5
V/ C max Drift: (AD712C)
200 V/mV min Open-Loop Gain (AD712K)
4
V p-p max Noise, 0.1 Hz to 10 Hz (AD712C)
Surface Mount Available in Tape and Reel in Accor-
dance with EIA-481A Standard
MIL-STD-883B Parts Available
Single Version Available: AD711
Quad Version: AD713
Available in Plastic Mini-DIP, Plastic SOIC, Hermetic
Cerdip, Hermetic Metal Can Packages and Chip Form
Dual Precision, Low Cost,
High Speed, BiFET Op Amp
PRODUCT DESCRIPTION
The AD712 is a high speed, precision monolithic operational
amplifier offering high performance at very modest prices. Its
very low offset voltage and offset voltage drift are the results of
advanced laser wafer trimming technology. These performance
benefits allow the user to easily upgrade existing designs that use
older precision BiFETs and, in many cases, bipolar op amps.
The superior ac and dc performance of this op amp makes it
suitable for active filter applications. With a slew rate of 16 V/
µs
and a settling time of 1
µs to ±0.01%, the AD712 is ideal as a
buffer for 12-bit D/A and A/D Converters and as a high-speed
integrator. The settling time is unmatched by any similar IC
amplifier.
The combination of excellent noise performance and low input
current also make the AD712 useful for photo diode preamps.
Common-mode rejection of 88 dB and open loop gain of
400 V/mV ensure 12-bit performance even in high-speed unity
gain buffer circuits.
The AD712 is pinned out in a standard op amp configuration
and is available in seven performance grades. The AD712J and
AD712K are rated over the commercial temperature range of
0
°C to +70°C. The AD712A, AD712B and AD712C are rated
over the industrial temperature range of –40
°C to +85°C. The
AD712S and AD712T are rated over the military temperature
range of –55
°C to +125°C and are available processed to MIL-
STD-883-B, Rev. C.
Extended reliability PLUS screening is available, specified over
the commercial and industrial temperature ranges. PLUS
screening includes 168-hour burn-in, as well as other environ-
mental and physical tests.
The AD712 is available in an 8-lead plastic mini-DIP, SOIC,
cerdip, TO-99 metal can, or in chip form.
PRODUCT HIGHLIGHTS
1. The AD712 offers excellent overall performance at very
competitive prices.
2. Analog Devices’ advanced processing technology and with
100% testing guarantees a low input offset voltage (0.3 mV
max, C grade, 3 mV max, J grade). Input offset voltage is
specified in the warmed-up condition. Analog Devices’ laser
wafer drift trimming process reduces input offset voltage
drifts to 5
µV/°C max on the AD712C.
3. Along with precision dc performance, the AD712 offers
excellent dynamic response. It settles to
±0.01% in 1 µs and
has a minimum slew rate of 16 V/
µs. Thus this device is ideal
for applications such as DAC and ADC buffers which re-
quire a combination of superior ac and dc performance.
4. The AD712 has a guaranteed and tested maximum voltage
noise of 4
µV p-p, 0.1 Hz to 10 Hz (AD712C).
5. Analog Devices’ well-matched, ion-implanted JFETs ensure
a guaranteed input bias current (at either input) of 50 pA
max (AD712C) and an input offset current of 10 pA max
(AD712C). Both input bias current and input offset current
are guaranteed in the warmed-up condition.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - AD712JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712JN AD-AD712JN Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712JNZ AD-AD712JNZ Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712JNZ AD-AD712JNZ Datasheet
562Kb / 20P
Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. I
More results

Similar Description - AD712JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD711 AD-AD711 Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
AD711 AD-AD711_02 Datasheet
592Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_15 Datasheet
387Kb / 20P
Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com