Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD723 Datasheet(PDF) 3 Page - Analog Devices

Part # AD723
Description  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD723 Datasheet(HTML) 3 Page - Analog Devices

  AD723 Datasheet HTML 1Page - Analog Devices AD723 Datasheet HTML 2Page - Analog Devices AD723 Datasheet HTML 3Page - Analog Devices AD723 Datasheet HTML 4Page - Analog Devices AD723 Datasheet HTML 5Page - Analog Devices AD723 Datasheet HTML 6Page - Analog Devices AD723 Datasheet HTML 7Page - Analog Devices AD723 Datasheet HTML 8Page - Analog Devices AD723 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
AD723
–3–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage, AVDD to AGND . . . . . . . . . . . . . . . . . . . 6 V
Supply Voltage, DVDD to DGND . . . . . . . . . . . . . . . . . . 6 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Inputs . . . . . . . . . . . . . . . . . . DGND – 0.3 to DVDD + 0.3 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 800 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
28-lead TSSOP package:
θJA = 67.7°C/W.
Thermal Resistance measured on SEMI standard 4-layer board.
PIN CONFIGURATION
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD723 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD723ARU
–40
°C to +85°C
28-Lead TSSOP
RU-28
AD723ARU-REEL
–40
°C to +85°C
28-Lead TSSOP
RU-28
AD723-EVAL
Evaluation Board
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD723
DGND
DVDD
TGND
BT
GT
RT
AGND
STND
SA
CE
TERM
BIN
GIN
RIN
HSYNC
VSYNC
4FSC
TVDET
CVSET
CV
YTRAP
AGND
YSET
Y
AVDD1
AVDD
C
CSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com