Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD725 Datasheet(PDF) 2 Page - Analog Devices

Part # AD725
Description  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD725 Datasheet(HTML) 2 Page - Analog Devices

  AD725 Datasheet HTML 1Page - Analog Devices AD725 Datasheet HTML 2Page - Analog Devices AD725 Datasheet HTML 3Page - Analog Devices AD725 Datasheet HTML 4Page - Analog Devices AD725 Datasheet HTML 5Page - Analog Devices AD725 Datasheet HTML 6Page - Analog Devices AD725 Datasheet HTML 7Page - Analog Devices AD725 Datasheet HTML 8Page - Analog Devices AD725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD725–SPECIFICATIONS
REV. 0
–2–
(Unless otherwise noted, VS = +5, TA = +25 C, using 4FSC synchronous clock. All loads are
150
5% at the IC pins. Outputs are measured at the 75
reverse terminated load.)
Parameter
Conditions
Min
Typ
Max
Units
SIGNAL INPUTS (RIN, GIN, BIN)
Input Amplitude
Full Scale
714
mV p-p
Black Level
1
0.8
V
Input Resistance
2
RIN, GIN, BIN
1
M
Ω
Input Capacitance
5pF
LOGIC INPUTS (HSYNC, VSYNC, 4FSC, CE, STND)
TTL Logic Levels
Logic Low Input Voltage
1V
Logic High Input Voltage
2V
Logic Low Input Current (DC)
1
µA
Logic High Input Current (DC)
1
µA
VIDEO OUTPUTS
3
Luminance (LUMA)
Bandwidth, –3 dB
NTSC
4.4
MHz
PAL
5.2
MHz
Gain Error
–7
–2
+7
%
Nonlinearity
max p-p
0.3
%
Sync Level
NTSC
252
279
310
mV
PAL
264
291
325
mV
DC Black Level
1.3
V
Luminance Trap (YTRAP)
Output Resistance
1.0
k
Ω
DC Black Level
1.0
V
Chrominance (CRMA)
Bandwidth, –3 dB
NTSC
1.2
MHz
PAL
1.5
MHz
Color Burst Amplitude
NTSC
206
255
305
mV p-p
PAL
221
291
362
mV p-p
Color Burst Width
NTSC
2.51
µs
PAL
2.28
µs
Chroma Level Error
4
–4
%
Chroma Phase Error5
±3
Degrees
DC Black Level
2.0
V
Chroma Feedthrough
R, G, B = 0
15
40
mV p-p
Composite (COMP)
Absolute Gain Error
With Respect to Luma
–5
–1
+3
%
Differential Gain
With Respect to Chroma
0.5
%
Differential Phase
With Respect to Chroma
1.5
Degrees
DC Black Level
1.4
V
Chroma/Luma Time Alignment
S-Video
20
ns
POWER SUPPLIES
Recommended Supply Range
Single Supply
+4.75
+5.25 V
Quiescent Current—Encode Mode
30
36
mA
Quiescent Current—Power Down
<1
µA
NOTES
1R, G, and B signals are inputted via an external ac coupling capacitor.
2Except during dc restore period (back porch clamp).
3All outputs measured at a 75
Ω reverse-terminated load; ac voltages at the IC output pins are twice those specified here.
4Difference between ideal and actual color bar subcarrier amplitudes.
5Difference between ideal and actual color bar subcarrier phases.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com