Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCL016B Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCL016B
Description  SUPER LOW NOISE PHEMT CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCL016B Datasheet(HTML) 1 Page - BeRex Corporation

  BCL016B Datasheet HTML 1Page - BeRex Corporation BCL016B Datasheet HTML 2Page - BeRex Corporation BCL016B Datasheet HTML 3Page - BeRex Corporation BCL016B Datasheet HTML 4Page - BeRex Corporation BCL016B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 T: (408) 452-5595; F: (408) 452-5596 Nov. 2012
Specifications are subject to change without notice. ©BeRex 2012
Rev. 1.7
BCL016B
SUPER LOW NOISE PHEMT CHIP (.15µm x 160µm)
The BeRex BCL016B is a GaAs super low noise pHEMT with a nominal 0.15 micron gate length and 160 micron gate
width making the product ideally suited for applications requiring very low noise and high associated gain, in
frequencies of up to 40 GHz. The BCL016B offers high insertion gain and a low noise figure for broadband
applications. The BCL016B is produced using state of the art metallization with SI3N4 passivation and is screened to
assure reliability
ELECTRICAL CHARACTERISTICS (Ta = 25° C)
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
Max.
UNIT
NF
Noise Figure (Vds = 2V, Id = 10mA)
12 GHz
18 GHz
0.4
0.6
dB
GA
Associated Gain (Vds = 2V, Id = 10mA)
12 GHz
18 GHz
12.5
10.5
13.5
11.5
dB
P1dB
Output Power @ p1dB (Vds = 2V, Id = 10mA)
12 GHz
13
14.5
dBm
IDSS
Saturated Drain Current (Vgs = 0V, Vds = 2V)
50
mA
GM
Transconductance (Vds = 2V, Vgs = -0.3V)
120
mS
VP
Pinch-off Voltage (Vds = 2V, Id = 200µA)
-0.7
V
BVGD
Gate-Drain Breakdown Voltage, (Ig = -200 µA, source open)
9
V
BVGS
Gate-Source Breakdown Voltage, (Ig = -200 µA, drain open)
6
V
RTH
Thermal Resistance, junction to back side
(Au-Sn Eutectic Attach)
270
° C/W
PRODUCT FEATURES
Low 0.4dB typical noise figure @12 GHz
High 13.5dB Typical associated Gain @12 GHz
High Pin of up to 20dBm
0.15 X 160 Micron Recessed Gate
APPLICATIONS
Commercial
Military / Hi-Rel.
Test & Measurement


Similar Part No. - BCL016B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCL016B BEREX-BCL016B Datasheet
632Kb / 5P
SUPER LOW NOISE PHEMT CHIP
BCL016B BEREX-BCL016B Datasheet
338Kb / 5P
SUPER LOW NOISE PHEMT CHIP
BCL016B BEREX-BCL016B_16 Datasheet
632Kb / 5P
SUPER LOW NOISE PHEMT CHIP
BCL016B BEREX-BCL016B_18 Datasheet
338Kb / 5P
SUPER LOW NOISE PHEMT CHIP
More results

Similar Description - BCL016B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
EC2612 UMS-EC2612 Datasheet
111Kb / 8P
40GHz Super Low Noise PHEMT
logo
Filtronic Compound Semi...
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
LOW NOISE PHEMT MMIC
LMA406 FILTRONIC-LMA406 Datasheet
159Kb / 5P
LOW NOISE PHEMT MMIC
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
LOW NOISE PHEMT MMIC
LMA419 FILTRONIC-LMA419 Datasheet
138Kb / 4P
LOW NOISE PHEMT MMIC
LMA420 FILTRONIC-LMA420 Datasheet
135Kb / 4P
LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
LOW NOISE PHEMT MMIC
logo
United Monolithic Semic...
EC2612 UMS-EC2612_15 Datasheet
140Kb / 8P
40GHz Super Low Noise pHEMT
logo
BeRex Corporation
BCL016B BEREX-BCL016B_16 Datasheet
632Kb / 5P
SUPER LOW NOISE PHEMT CHIP
BCL016B BEREX-BCL016B_18 Datasheet
338Kb / 5P
SUPER LOW NOISE PHEMT CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com