Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73360L Datasheet(PDF) 21 Page - Analog Devices

Part # AD73360L
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360L Datasheet(HTML) 21 Page - Analog Devices

Back Button AD73360L Datasheet HTML 17Page - Analog Devices AD73360L Datasheet HTML 18Page - Analog Devices AD73360L Datasheet HTML 19Page - Analog Devices AD73360L Datasheet HTML 20Page - Analog Devices AD73360L Datasheet HTML 21Page - Analog Devices AD73360L Datasheet HTML 22Page - Analog Devices AD73360L Datasheet HTML 23Page - Analog Devices AD73360L Datasheet HTML 24Page - Analog Devices AD73360L Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. 0
AD73360L
–21–
The sampling rate can be varied by programming the Decimation
Rate Divider settings in CRB. For a DMCLK of 16.384 MHz
sample rates of 64 kHz, 32 kHz, 16 kHz and 8 kHz are available.
Figure 21 shows the final spectral response of a signal sampled
at 8 kHz using the maximum oversampling rate.
FREQUENCY – kHz
0
0
–20
24
–100
–140
–120
–40
–60
–80
SNR = 78dB (DC TO 4kHz)
Figure 21. FFT (ADC 8 kHz Internally Decimated from
64 kHz)
It is possible to generate lower sample rates through reducing
the oversampling ratio by programming the DMCLK Rate
Divider Settings in CRB (MCD2-MCD1). This will have the
effect of spreading the quantization noise over a lesser band-
width resulting in a degradation of dynamic performance.
Figure 22 shows a FFT plot of a signal sampled at 8 kHz rate
produced by reducing the DMCLK Rate.
FREQUENCY – kHz
0
0
–20
24
–100
–140
–120
–40
–60
–80
SNR = 72.2dB (DC TO fS/2)
Figure 22. FFT (ADC 8 kHz Sampling with Reduced
DMCLK Rate)
1/2
74HC74
CLK
DQ
DSP CONTROL
TO SE
MCLK
SE SIGNAL SYNCHRONIZED
TO MCLK
1/2
74HC74
CLK
DQ
DSP CONTROL
TO
RESET
MCLK
RESET SIGNAL SYNCHRONIZED
TO MCLK
Figure 19. SE and
RESET Sync Circuit for Cascaded
Operation
PERFORMANCE
As the AD73360L is designed to provide high-performance,
low-cost conversion, it is important to understand the means by
which this high performance can be achieved in a typical appli-
cation. This section will, by means of spectral graphs, outline
the typical performance of the device and highlight some of the
options available to users in achieving their desired sample rate,
either directly in the device or by doing some post-processing in
the DSP, while also showing the advantages and disadvantages
of the different approaches.
Encoder Section
The encoder section samples at DMCLK/256, which gives a
64 kHz output rate for DMCLK equal to 16.384 MHz. The
noise-shaping of the sigma-delta modulator also depends on the
frequency at which it is clocked, which means that the best
dynamic performance in a particular bandwidth is achieved by
oversampling at the highest possible rate. If we assume that the
signals of interest are in the bandwidth of dc–4 kHz, then sam-
pling at 64 kHz gives a spectral response which ensures good
SNR performance in that bandwidth, as shown in Figure 20.
FREQUENCY – kHz
0
0
–20
816
24
32
–100
–140
–120
–40
–60
–80
SNR = 59.0dB (DC TO fS/2)
SNR = 78.2dB (DC TO 4kHz)
Figure 20. FFT (ADC 64 kHz Sampling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com