Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7376
Description  -15 V Operation Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376 Datasheet(HTML) 1 Page - Analog Devices

  AD7376 Datasheet HTML 1Page - Analog Devices AD7376 Datasheet HTML 2Page - Analog Devices AD7376 Datasheet HTML 3Page - Analog Devices AD7376 Datasheet HTML 4Page - Analog Devices AD7376 Datasheet HTML 5Page - Analog Devices AD7376 Datasheet HTML 6Page - Analog Devices AD7376 Datasheet HTML 7Page - Analog Devices AD7376 Datasheet HTML 8Page - Analog Devices AD7376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7376*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
*Patent Number: 5495245
15 V Operation
Digital Potentiometer
FUNCTIONAL BLOCK DIAGRAM
GND
VDD
SDO
AD7376
7-BIT
SERIAL
REGISTER
Q
D
CK
7
7-BIT
LATCH
R
7
SDI
CLK
A
W
B
VSS
SHDN
CS
RS
SHDN
FEATURES
128 Position
Potentiometer Replacement
10 k , 50 k , 100 k , 1 M
Power Shutdown: Less than 1
A
3-Wire SPI Compatible Serial Data Input
+5 V to +30 V Single Supply Operation
5 V to
15 V Dual Supply Operation
Midscale Preset
APPLICATIONS
Mechanical Potentiometer Replacement
Instrumentation: Gain, Offset Adjustment
Programmable Voltage-to-Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
Power Supply Adjustment
GENERAL DESCRIPTION
The AD7376 provides a single channel, 128-position digitally-
controlled variable resistor (VR) device. This device performs the
same electronic adjustment function as a potentiometer or vari-
able resistor. These products were optimized for instrument and
test equipment applications where a combination of high voltage
with a choice between bandwidth or power dissipation are avail-
able as a result of the wide selection of end-to-end terminal resis-
tance values. The AD7376 contains a fixed resistor with a wiper
contact that taps the fixed resistor value at a point determined by
a digital code loaded into the SPI-compatible serial-input regis-
ter. The resistance between the wiper and either endpoint of the
fixed resistor varies linearly with respect to the digital code trans-
ferred into the VR latch. The variable resistor offers a completely
programmable value of resistance between the A terminal and the
wiper or the B terminal and the wiper. The fixed A to B terminal
resistance of 10 k
Ω, 50 kΩ, 100 kΩ or 1 MΩ has a nominal tem-
perature coefficient of –300 ppm/
°C.
The VR has its own VR latch which holds its programmed resis-
tance value. The VR latch is updated from an internal serial-to-
parallel shift register which is loaded from a standard 3-wire
serial-input digital interface. Seven data bits make up the data
word clocked into the serial data input register (SDI). Only the
last seven bits of the data word loaded are transferred into the
7-bit VR latch when the
CS strobe is returned to logic high. A
serial data output pin (SDO) at the opposite end of the serial
register allows simple daisy-chaining in multiple VR applications
without additional external decoding logic.
The reset (
RS) pin forces the wiper to the midscale position by
loading 40H into the VR latch. The SHDN pin forces the resistor
to an end-to-end open circuit condition on the A terminal and
shorts the wiper to the B terminal, achieving a microwatt power
shutdown state. When shutdown is returned to logic high, the
previous latch settings put the wiper in the same resistance
setting prior to shutdown as long as power to VDD is not re-
moved. The digital interface is still active in shutdown so that
code changes can be made that will produce a new wiper posi-
tion when the device is taken out of shutdown.
The AD7376 is available in both surface mount (SOL-16) and
the 14-lead plastic DIP package. For ultracompact solutions
selected models are available in the thin TSSOP package. All
parts are guaranteed to operate over the extended industrial
temperature range of –40
°C to +85°C. For operation at lower
supply voltages (+3 V to +5 V), see the AD8400/AD8402/
AD8403 products.
1 LSB ERROR BAND
1 LSB
SDI
(DATA IN)
SDO
(DATA OUT)
CLK
CS
VDD
VOUT
0V
0
1
0
1
0
1
0
1
DX
DX
t
PD_MAX
D'X
D'X
tDS
tDH
tCH
tCSH0
tCSS
tCL
tCS1
tCSW
tS
tCSH
Figure 1. Detail Timing Diagram
The last seven data bits clocked into the serial input register will
be transferred to the VR 7-bit latch when
CS returns to logic
high. Extra data bits are ignored.


Similar Part No. - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD7376 AD-AD7376 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD7376ARUZ10 AD-AD7376ARUZ10 Datasheet
452Kb / 20P
128-Position Digital Potentiometer
REV. D
AD7376ARUZ10-R7 AD-AD7376ARUZ10-R7 Datasheet
452Kb / 20P
128-Position Digital Potentiometer
REV. D
More results

Similar Description - AD7376

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Analog Devices
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com