Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7394 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7394
Description  3 V, Dual, Serial Input 12-/10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7394 Datasheet(HTML) 4 Page - Analog Devices

  AD7394 Datasheet HTML 1Page - Analog Devices AD7394 Datasheet HTML 2Page - Analog Devices AD7394 Datasheet HTML 3Page - Analog Devices AD7394 Datasheet HTML 4Page - Analog Devices AD7394 Datasheet HTML 5Page - Analog Devices AD7394 Datasheet HTML 6Page - Analog Devices AD7394 Datasheet HTML 7Page - Analog Devices AD7394 Datasheet HTML 8Page - Analog Devices AD7394 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7394/AD7395
–4–
REV. 0
Table I. Control Logic Truth Table
CS CLK
RS
MSB
SHDN
LDA/B
Serial Shift Register Function
DAC Register Function
H
X
H
X
H
H
No Effect
Latched
L
L
H
X
H
H
No Effect
Latched
L
H
H
X
H
H
No Effect
Latched
L
↑+
H
X
H
H
Shift-Register-Data Advanced One Bit Latched
L
↑+
H
X
H
L
Shift-Register-Data Advanced One Bit Transparent
L
H
H
X
H
L
No Effect
Transparent
↑+ L
H
X
H
H
No Effect
Latched
HX
H
X
H
↓–
No Effect
Updated with Current Shift Register
Contents
H
X
H
X
H
L
No Effect
Transparent
X
X
L
H
H
X
No Effect
Loaded with 800H
XX
↑+
H
H
H
No Effect
Latched with 800H
X
X
L
L
H
X
No Effect
Loaded with All Zeros
XX
↑+
L
H
H
No Effect
Latched All Zeros
X
X
X
X
L
X
No Effect
No Affect
NOTES
1.
↑+ positive logic transition; ↓– negative logic transition; X Don’t Care
2. Do not clock in serial data while level sensitive inputs
LDA or LDB are logic LOW.
tLD1
tCSH
1 LSB
ERROR BAND
tCLRW
tS
tS
tLDW
tCH
tCL
tCSS
tLD2
tDS
tDH
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
SDI
CLK
CS
LDA,B
SDI
CLK
FS
VOUT
ZS
LDA,B
RS
Figure 2. Timing Diagram
tSDR
IDD
SHDN
Figure 3. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com