Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K30102A Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # K30102A
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K30102A Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  K30102A Datasheet HTML 1Page - COSMO  Electronics Corporation K30102A Datasheet HTML 2Page - COSMO  Electronics Corporation K30102A Datasheet HTML 3Page - COSMO  Electronics Corporation K30102A Datasheet HTML 4Page - COSMO  Electronics Corporation K30102A Datasheet HTML 5Page - COSMO  Electronics Corporation K30102A Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
DATE:03/19/2012
NO.61P10012
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K3010S
SHEET 2 OF 6
REV.
2
Outside Dimension:Unit ( mm )
10.00±0.4
1.00
1.20
2.54
6.50
7.62
0
~10°
4.60
cosmo
3010
814
XXX
Date Code
CTR Rank
TOLERANCE:±0.2mm
Schematic:Top View
2
3
1
4
1 .
A n o d e , C a t h o d e
2 .
A n o d e , C a t h o d e
3 .
E m i t t e r
4 .
C o l l e c t o r



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com