Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7396 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7396
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7396 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7396 Datasheet HTML 2Page - Analog Devices AD7396 Datasheet HTML 3Page - Analog Devices AD7396 Datasheet HTML 4Page - Analog Devices AD7396 Datasheet HTML 5Page - Analog Devices AD7396 Datasheet HTML 6Page - Analog Devices AD7396 Datasheet HTML 7Page - Analog Devices AD7396 Datasheet HTML 8Page - Analog Devices AD7396 Datasheet HTML 9Page - Analog Devices AD7396 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7396/AD7397
–6–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
1VOUTA
DAC A Voltage Output.
2
AGND
Analog Ground.
3
DGND
Digital Ground.
4
LDA
Load DAC A Register Strobe. Transfers input register data to the DAC A register. Active
low inputs, Level sensitive latch. May be connected together with
LDB to double-buffer load
both DAC registers simultaneously.
5
SHDN
Power Shutdown Active Low Input. DAC register contents are saved as long as power stays
on the VDD pin.
6
RS
Resets Input and DAC Register to Zero Condition. Asynchronous active low input.
7–18
D0–D11
Twelve Parallel Input Data Bits. D11 = MSB Pin 18, D0 = LSB Pin 7, AD7396.
7, 8
NC
No Connect Pins 7 and 8 On the AD7397 Only.
9–18
D0–D9
Ten Parallel Input Data Bits. D9 = MSB Pin 18, D0 = LSB Pin 9, AD7397 Only.
19
CS
Chip Select Latch Enable, Active Low.
20
A/
B
DAC Input Register Address Select DACA = 1 or DACB = 0.
21
LDB
Load DAC B Register Strobe. Transfers input register data to the DAC B register. Active low
inputs, Level sensitive latch. May be connected together with
LDA to double-buffer load
both DAC registers simultaneously.
22
VDD
Positive Power Supply Input. Specified range of operation +2.7 V to +5.5 V.
23
VREF
DAC Reference Input Pin. Establishes DAC full-scale voltage.
24
VOUTB
DAC B Voltage Output.
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7396
D5
D4
D3
D2
D1
VOUTA
AGND
DGND
LDA
D0
RS
SHDN
D6
D7
D8
D9
D10
VOUTB
VREF
VDD
LDB
D11
CS
A/
B
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7397
D3
D2
D1
D0
NC
VOUTA
AGND
DGND
LDA
NC
RS
SHDN
D4
D5
D6
D7
D8
VOUTB
VREF
VDD
LDB
D9
CS
A/
B
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com