Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7398 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7398
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7398 Datasheet(HTML) 3 Page - Analog Devices

  AD7398 Datasheet HTML 1Page - Analog Devices AD7398 Datasheet HTML 2Page - Analog Devices AD7398 Datasheet HTML 3Page - Analog Devices AD7398 Datasheet HTML 4Page - Analog Devices AD7398 Datasheet HTML 5Page - Analog Devices AD7398 Datasheet HTML 6Page - Analog Devices AD7398 Datasheet HTML 7Page - Analog Devices AD7398 Datasheet HTML 8Page - Analog Devices AD7398 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
AD7398/AD7399
AD7399 10-BIT VOLTAGE OUTPUT DAC
Parameter
Symbol
Condition
3 V–5 V
10%
5 V
10%
Unit
STATIC PERFORMANCE
Resolution
1
N
10
10
Bits
Relative Accuracy
2
INL
±1
±1
LSB max
Differential Nonlinearity
2
DNL
Monotonic
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 000H
7
±4
mV max
Full-Scale Voltage Error
VFSE
Data = 3FFH
±15
±15
mV max
Full-Scale Tempco
3
TCVFS
1.5
1.5
ppm/
°C typ
REFERENCE INPUT
VREFIN Range
4
VREF
0/VDD
VSS/VDD
V min/max
Input Resistance
5
RREF
Data = 155H, Worst-Case
40
40
k
Ω typ6
Input Capacitance
3
CREF
5
5
pF typ
ANALOG OUTPUT
Output Current
IOUT
Data = 200H,
∆V
OUT = 1 LSB
±5
mA typ
Capacitive Load
3
CL
No Oscillation
200
400
pF max
LOGIC INPUTS
Logic Input Low Voltage
VIL
VDD = 3 V
0.5
V max
VDD = 5 V
0.8
0.8
V max
Logic Input High Voltage
VIH
CLK Only
80% VDD
4.0
V min
2.1–2.4
2.4
V min
Input Leakage Current
IIL
11
µA max
Input Capacitance
3
CIL
10
10
pF max
INTERFACE TIMING
3, 7
Clock Frequency
fCLK
11
16.6
MHz max
Clock Width High
tCH
45
30
ns min
Clock Width Low
tCL
45
30
ns min
CS to Clock Set Up
tCSS
10
5
ns min
Clock to
CS Hold
tCSH
20
15
ns min
Load DAC Pulsewidth
tLDAC
45
30
ns min
Data Setup
tDS
15
10
ns min
Data Hold
tDH
10
5
ns min
Load Setup to
CS
tLDS
0
0
ns min
Load Hold to
CS
tLDH
20
15
ns min
AC CHARACTERISTICS
Output Slew Rate
SR
Data = 000H to 3FFH to 000H
22
V/
µs typ
Settling Time
8
tS
To
±0.1% of Full Scale
6
6
µs typ
Shutdown Recovery
tSDR
66
µs typ
DAC Glitch
Q
Code 1FFH to 200H to 1FFH
150
150
nVs typ
Digital Feedthrough
QDF
15
15
nVs typ
Feedthrough
VOUT/VREF
VREF = 1.5 VDC + 1 V p-p,
–63
–63
dB typ
Data = 000H, f = 100 kHz
SUPPLY CHARACTERISTICS
Shutdown Supply Current
IDD_SD
No Load
30/60
30/60
µA typ/max
Positive Supply Current
IDD
VIL = 0 V, No Load
1.5/2.5
1.6/2.7
mA typ/max
Negative Supply Current
ISS
VIL = 0 V, No Load
1.5/2.5
1.6/2.7
mA typ/max
Power Dissipation
PDISS
VIL = 0 V, No Load
5
16
mW typ
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.006
0.006
%/% max
NOTES
1One LSB = V
REF/1024 V for the 10-bit AD7399.
2The first two codes (000
H, 001H) are excluded from the linearity error measurement in single supply operation.
3These parameters are guaranteed by design and not subject to production testing.
4When V
REF is connected to either the VDD or the VSS power supply the corresponding V OUT voltage will program between ground and the supply voltage minus the
offset voltage of the output buffer, which is the same as the V ZSE error specification. See additional discussion in the Operation section of the data sheet.
5Input resistance is code-dependent.
6Typicals represent average readings measured at 25
°C.
7All input control signals are specified with t
R = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
8The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground.
Specifications subject to change without notice.
(@ VDD = 5 V, VSS = 0 V; or VDD = +5 V, VSS = –5 V, VREF = +2.5 V, –40 C < TA
< +125 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com