Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5161 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS5161
Description  12-Bit Magnetic Angle Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5161 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS5161 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
AS5161
Datasheet - Pin Assignm ents
www.ams.com
Revision 1.1
4 - 35
5 Pin Assignments
Figure 3. SOIC-8 Pin Configuration
5.1 Pin Descriptions
Table 1. SOIC-8 Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1
VDD
Supply pin
Positive supply pin. This pin is over voltage protected.
2TP1
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to ground in the application board.
3
VDD3V3
AIO
Output of the internal voltage regulator
4
GND
Supply pin
Ground pin. Connected to ground in the application.
5TP2
DIO/AIO
multi purpose pin
Test pin for fabrication. Connected to ground in the application board.
6TP3
DIO/AIO
multi purpose pin
Test pin for fabrication. Open in the application.
7S
AIO
Test pin for fabrication. Connected to OUT in the application board.
8OUT
DIO/AIO
multi purpose pin
Digital PWM output pin. Over this pin the programming is possible. Open drain
configuration.
VDD
TP1
VDD3V3
GND
TP2
TP3
S
OUT
5
6
7
8
2
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com