Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX60SC-MB-5ST Datasheet(PDF) 15 Page - Microchip Technology

Part # UX60SC-MB-5ST
Description  Breakout Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UX60SC-MB-5ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button UX60SC-MB-5ST Datasheet HTML 11Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 12Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 13Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 14Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 15Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 16Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 17Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 18Page - Microchip Technology UX60SC-MB-5ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Installation and Operation
© 2012 Microchip Technology Inc.
DS52056A-page 15
When GP8 is configured for its dedicated functionality, the pin can be used as a bus
release request for MCP2210 coming from another master. GP7 (configured for its
dedicated functionality) is used as an SPI bus release acknowledge signal towards the
requesting master. When an external SPI master requests the MCP2210 to release the
bus, the device completes the current SPI transfer (or it can be cancelled by the PC
application sending the proper USB command), then releases the bus and signals the
event on the acknowledge pin (GP7). The second master now has ownership of the
bus, and can keep it, as long as the SPI bus request pin (GP8) is kept asserted.
By using the dedicated functionality of the GP7 and GP8, the MCP2210 can be used
in a multiple SPI master system.
FIGURE 2-3:
MCP2210 TYPICAL USAGE DIAGRAM
MCP2210
SPI bus
Chip-Select lines
MOSI, MISO, SCK
USB
USB-to-SPI
bridge
SPI slave chip #1
SPI slave chip #n
External
Interrupt
(GP6)
Interrupt
Interrupt
...
SPI Master #2
SPI Bus Release Request
SPI Bus Release
Acknowledge
External
Interrupt
GP8
GP7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com