Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD744JR Datasheet(PDF) 6 Page - Analog Devices

Part # AD744JR
Description  Precision, 500 ns Settling BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD744JR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD744JR Datasheet HTML 2Page - Analog Devices AD744JR Datasheet HTML 3Page - Analog Devices AD744JR Datasheet HTML 4Page - Analog Devices AD744JR Datasheet HTML 5Page - Analog Devices AD744JR Datasheet HTML 6Page - Analog Devices AD744JR Datasheet HTML 7Page - Analog Devices AD744JR Datasheet HTML 8Page - Analog Devices AD744JR Datasheet HTML 9Page - Analog Devices AD744JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
AD744
–6–
–Typical Characteristics
Figure 19. Settling Time vs. Closed
Loop Voltage Gain
Figure 22a. Unity-Gain Follower
Figure 23a. Unity-Gain Inverter
Figure 20. THD Test Circuit
Figure 22b. Unity-Gain Follower
Large Signal Pulse Response,
CCOMP = 5 pF
Figure 23b. Unity-Gain Inverter Large
Signal Pulse Response, CCOMP = 5 pF
Figure 21. Offset Null Configuration
Figure 22c. Unity-Gain Follower
Small Signal Pulse Response,
CCOMP = 5 pF
Figure 23c. Unity-Gain Inverter Small
Signal Pulse Response, CCOMP = 0 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com