Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD746 Datasheet(PDF) 3 Page - Analog Devices

Part # AD746
Description  Dual Precision, 500 ns Settling, BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD746 Datasheet(HTML) 3 Page - Analog Devices

  AD746 Datasheet HTML 1Page - Analog Devices AD746 Datasheet HTML 2Page - Analog Devices AD746 Datasheet HTML 3Page - Analog Devices AD746 Datasheet HTML 4Page - Analog Devices AD746 Datasheet HTML 5Page - Analog Devices AD746 Datasheet HTML 6Page - Analog Devices AD746 Datasheet HTML 7Page - Analog Devices AD746 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2PSRR test conditions: +V
S = 15 V, –VS = –12 V to –18 V and +VS = 12 V to 18 V, –VS = –15 V.
3Bias Current Specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25°C. For higher temperature, the current doubles every
10
°C.
4Gain = –1, Rl = 2 k, Cl = 10 pF.
5Defined as voltage between inputs, such that neither exceeds
±10 V from ground.
6Typically exceeding –14.1 V negative common-mode voltage on either input results in an output phase reversal.
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and
max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration
(For One Amplifier) . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q) . . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD746J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD746A/B . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD746S . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range
(Soldering 60 seconds) . . . . . . . . . . . . . . . . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
28-Pin Plastic Package:
θ
JA = 100°C/Watt, θJC = 50°C/Watt
8-Pin Cerdip Package:
θ
JA = 110°C/Watt, θJC = 30°C/Watt
8-Pin Small Outline Package:
θ
JA = 160°C/Watt, θJC = 42°C/Watt
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD746 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
AD746
REV. B
–3–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com