Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL4120 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors SSL4120 Datasheet HTML 19Page - NXP Semiconductors SSL4120 Datasheet HTML 20Page - NXP Semiconductors SSL4120 Datasheet HTML 21Page - NXP Semiconductors SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
21 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.8.3 HBC switch control
HBC switch control determines when the MOSFETs switch on and off. It uses the output
from several other blocks.
• A divider is used to alternate switching of the high and low-side MOSFETs for each
oscillator cycle. The oscillator frequency is twice the half-bridge frequency.
• The controlled oscillator determines the switch-off point.
• Adaptive non-overlap time sensing determines the switch-on point. This function is
the adaptive non-overlap time.
• Several protection circuits and the state of the SSHBC/EN input pin specify if the
resonant converter is allowed to start switching.
Figure 9 provides an overview of typical switching behavior.
7.8.4 HBC Adaptive Non-Overlap (ANO) time function (HB pin)
7.8.4.1
Inductive mode (normal operation)
The high efficiency characteristic of a resonant converter is the result of Zero-Voltage
Switching (ZVS) of the power MOSFETs. ZVS is also called soft switching. To allow soft
switching, a small non-overlap time is required between the high-side on-times and
low-side MOSFETs. During this non-overlap time, the primary resonant current charges or
discharges the half-bridge capacitance between ground and Vboost.
After the charge or discharge cycles, the MOSFET body diode starts conducting and
because the voltage across the MOSFET is zero, when the MOSFET is switched on there
are no switching losses. This operating mode is called inductive mode. In inductive mode,
the switching frequency is above the resonance frequency and the resonant tank has an
inductive impedance.
Fig 9.
Switching behavior of the HBC
GATELS
GATEHS
HB
ITr(HBC)
CFMIN
t
Vboost
0
0
014aaa857



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com