Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD741LH Datasheet(PDF) 1 Page - Analog Devices

Part # AD741LH
Description  Low Cost, High Accuracy IC Op Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD741LH Datasheet(HTML) 1 Page - Analog Devices

  AD741LH Datasheet HTML 1Page - Analog Devices AD741LH Datasheet HTML 2Page - Analog Devices AD741LH Datasheet HTML 3Page - Analog Devices AD741LH Datasheet HTML 4Page - Analog Devices AD741LH Datasheet HTML 5Page - Analog Devices AD741LH Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD741 Series
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
Low Cost,
High Accuracy IC Op Amps
CONNECTION DIAGRAMS
TO-99 (H) Package
NC = NO CONNECT
Mini-DIP (N) Package
NC = NO CONNECT
GENERAL DESCRIPTION
The Analog Devices AD741 Series are high performance mono-
lithic operational amplifiers. All the devices feature full short
circuit protection and internal compensation.
The Analog Devices AD741J, AD741K, AD741L, and AD741S
are specially tested and selected versions of the standard AD741
operational amplifier. Improved processing and additional elec-
trical testing guarantee the user precision performance at a very
low cost. The AD741J, K and L substantially increase overall
accuracy over the standard AD741C by providing maximum
limits on offset voltage drift and significantly reducing the errors
due to offset voltage, bias current, offset current, voltage gain,
power supply rejection and common-mode rejection. For example,
the AD741L features maximum offset voltage drift of 5
µV/°C,
offset voltage of 0.5 mV max, offset current of 5 nA max, bias
current of 50 nA max and a CMRR of 90 dB min. The AD741S
offers guaranteed performance over the extended temperature
range of –55
°C to +125°C, with max offset voltage drift of
15
µV/°C, max offset voltage of 4 mV, max offset current of
25 nA, and a minimum CMRR of 80 dB.
FEATURES
Precision Input Characteristics
Low VOS: 0.5 mV max (L)
Low VOS Drift: 5
V/ C max (L)
Low Ib: 50 nA max (L)
Low lOS: 5 nA max (L)
High CMRR: 90 dB min (K, L)
High Output Capability
AOL = 25,000 min, 1 k
Load (J, S) TMIN to TMAX
VO =
10 V min, 1 k
Load (J, S)
Chips and MIL-STD-883B Parts Available
HIGH OUTPUT CAPABILITY
Both the AD741J and AD741S offer the user the additional
advantages of high guaranteed output current and gain at low
values of load impedance. The AD741J guarantees a minimum
gain of 25,000 swinging
±10 V into a 1 kΩ load from 0°C to
+70
°C. The AD741S guarantees a minimum gain of 25,000
swinging
±10 V into a 1 kΩ load from –55°C to +125°C.
All devices feature full short circuit protection, high gain, high
common-mode range and internal compensation. The AD741J,
K and L are specified for operation from 0 to +70
°C and are
available in both the TO-99 and mini-DIP packages. The
AD741S is specified for operation from –55
°C to +125°C, and
is available in the TO-99 package.


Similar Part No. - AD741LH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV.0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
AD74111YRU AD-AD74111YRU Datasheet
344Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV.0
More results

Similar Description - AD741LH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD741 AD-AD741_15 Datasheet
184Kb / 6P
LOW COST, HIGH ACCURACY IC OP AMPS
REV. A
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
3PEAK INC.
TP2411 3PEAK-TP2411 Datasheet
1Mb / 17P
Low Cost, Low Noise CMOS RRIO Op-amps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com