Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7466 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7466
Description  1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466 Datasheet(HTML) 2 Page - Analog Devices

  AD7466 Datasheet HTML 1Page - Analog Devices AD7466 Datasheet HTML 2Page - Analog Devices AD7466 Datasheet HTML 3Page - Analog Devices AD7466 Datasheet HTML 4Page - Analog Devices AD7466 Datasheet HTML 5Page - Analog Devices AD7466 Datasheet HTML 6Page - Analog Devices AD7466 Datasheet HTML 7Page - Analog Devices AD7466 Datasheet HTML 8Page - Analog Devices AD7466 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
REV. PrC
AD7466–SPECIFICATIONS1
Parameter
B Version
1, 2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 30 kHz Sine Wave
Signal-to-Noise + Distortion (SINAD)
2
7 0
dB min
Signal-to-Noise Ratio (SNR) 2
7 1
dB min
Total Harmonic Distortion (THD)
2
– 7 8
dB typ
Peak Harmonic or Spurious Noise (SFDR)
2
– 8 0
dB typ
Intermodulation Distortion (IMD)2
fa = 29.1 kHz, fb = 29.9 kHz
Second Order Terms
– 7 8
dB typ
Third Order Terms
– 7 8
dB typ
Aperture Delay
1 0
ns typ
Aperture Jitter
3 0
ps typ
Full Power Bandwidth
T B D
MHz typ
@ 3 dB
Full Power Bandwidth
T B D
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
1 2
Bits
Integral Nonlinearity
2
±1.5
LSB max
±0.6
LSB typ
Differential Nonlinearity2
–0.9/+1.5
LSB max
Guaranteed No Missed Codes to 12 Bits
±0.75
LSB typ
Offset Error
3
±1.5
LSB max
Gain Error3
±1.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±1
µA max
Input Capacitance
3 0
pF typ
LOGIC INPUTS
Input High Voltage, VINH
0.7(VDD)
V min
VDD = 1.8 V to 3.6 V
Input Low Voltage, VINL
0.4
V max
Input Current, IIN, SCLK Pin
±1
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±1
µA typ
Input Capacitance, CIN
2,3
1 0
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.2
V min
ISOURCE = 200 µA; VDD = 1.8 V to 3.6 V
Output Low Voltage, VOL
0.2
V max
ISINK = 200 µA
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
2,3
1 0
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
6.66
µs max
Sixteen SCLK Cycles
Track/Hold Acquisition Time
T B D
ns max
Full-Scale Step Input
T B D
ns max
Sine Wave Input
Throughput Rate
100
kSPS max See Serial Interface Section
POWER REQUIREMENTS
VDD
1.8/3.6
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Operational)
350
µA max
VDD = 3 V. SCLK On or Off
200
µA max
VDD = 1.8 V. SCLK On or Off
Power-Down
0.5
µA max
SCLK Off
8 0
µA max
SCLK On
Power Dissipation4
Normal Mode (Operational)
T B D
mW max
VDD = 3 V. fSAMPLE = TBD
mW max
VDD = 1.8 V. fSAMPLE = TBD
Power-Down
1.5
µW max
VDD = 3 V. SCLK Off
0.9
µW max
VDD = 1.8 V. SCLK Off
NOTES
1Temperaturerangesasfollows:BVersions:–40°Cto+85°C.
2SeeTerminology.
3Sampletestedat25°Ctoensurecompliance.
4SeePowerVersusThroughputRatesection.
Specificationssubjecttochangewithoutnotice.
(VDD = 1.8 V to 3.6 V, fSCLK = 2.4 MHz, fSAMPLE = 100 kSPS unless otherwise noted; TA =
TMIN to TMAX, unless otherwise noted.)
pecifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com