Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSE Datasheet(PDF) 3 Page - DDK Ltd.

Part # FSE
Description  Locking-with-one-touch system
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FSE Datasheet(HTML) 3 Page - DDK Ltd.

  FSE Datasheet HTML 1Page - DDK Ltd. FSE Datasheet HTML 2Page - DDK Ltd. FSE Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
FSE Series
3
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○Receptacle
FSE-14R-220-221-D
Connector Style
 R:Receptacle
Cap
1:Rubber Cap
2:Metal Cap
Flange Style
 1:Rectangular
 2:Circular
 3:Bulk head(# 14 Correspondence)
A 0.13
φD0.5
B
A
19.9
2.7
36
φD +0.2
0
φA
φA
φB
19.9
5
36
Mounting Dimensions
Step:120 degrees
O ring
Gasket
4-φ3.3
+0.2
0
3-φ3.3
+0.2
0
Panel Thickness:1.5mm min
φB
26.9
5
43
φD
Mounting Dimensions
Mounting Dimensions
Shell Size
Part Number
Optical / Electric Flange Style Cord Dia.
Cap
A
B
C
D
14
FSE-14R-40-2 □□ -D
4/0
Circular
Style
φ 0.9
φ 2.0
Rubber Cap
Metal Cap
32.0
38.0
18.5
19.0
FSE-14R-20-2 □□ -D
2/0
FSE-14R-220-2 □□ -D
2/2
FSE-14R-40-3 □□ -D
4/0
Bulk Head
φ 0.9
φ 2.0
Rubber Cap
Metal Cap
35.0
20.0
20.0
FSE-14R-20-3 □□ -D
2/0
FSE-14R-220-3 □□ -D
2/2
20
FSE-20R-80-1 □□ -D
8/0
Rectangular
Style
φ 0.9
φ 2.0
Rubber Cap
Metal Cap
29.36
38.1
29.6
16.0
FSE-20R-230-1 □□ -D
2/3
FSE-20R-440-1 □□ -D
4/4
Shell Size
 14:14 Size
 20:20 Size
No. of Fibers
 0∼8
No. of Electric
 0∼8
Electric wire size
 0:AWG16
   (AWG16 min Please talk.)
 Optical fiber Cord
1:φ 0.9
2:φ 2.0
Shape of flange Style
Circular
Bulk Head
Rectangular



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com