Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACRICH2 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # ACRICH2
Description  Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ACRICH2 Datasheet(HTML) 1 Page - Seoul Semiconductor

  ACRICH2 Datasheet HTML 1Page - Seoul Semiconductor ACRICH2 Datasheet HTML 2Page - Seoul Semiconductor ACRICH2 Datasheet HTML 3Page - Seoul Semiconductor ACRICH2 Datasheet HTML 4Page - Seoul Semiconductor ACRICH2 Datasheet HTML 5Page - Seoul Semiconductor ACRICH2 Datasheet HTML 6Page - Seoul Semiconductor ACRICH2 Datasheet HTML 7Page - Seoul Semiconductor ACRICH2 Datasheet HTML 8Page - Seoul Semiconductor ACRICH2 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
1
Rev. 00
Rev. 00
August 2011
August 2011
www.Acrich.com
www.Acrich.com
Features
Applications
Introduction
Application Note
Designing with Acrich 2
4W MR
8W module
• Replacement lamp
• Down light
• Ceiling light
• Industrial Light
• Directly connect to AC
power using a Acrich IC
High power efficiency
• High power factor
• Low THD
Long life time
The simplest BOM
Miniaturization
• Lead free product
• RoHS compliant
12W module
4W Bulb
16W module
Acrich2 is designed to connect directly
to AC source via 2wires with no AC/DC
converter which is essential for conventional
general lighting. As there is no need of
converter, Acrich2 can realize as close
life-time as original LED and make a better
use of a space in many applications.
Also, Acrich2’s high power factor can show
best energy saving effect in many lighting
applications.


Similar Part No. - ACRICH2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACR ABRACON-ACR Datasheet
188Kb / 1P
HIGH FREQUENCY MHZ LEADED WASHABLE AUTOMOTVE GRADE CERAMIC CRYSTAL
logo
Alpha Wire
ACR ALPHAWIRE-ACR Datasheet
194Kb / 2P
M12-A Female Rear Mount PG9 Receptacle
logo
Applied Concepts Inc.
ACR-0334-2274 ACIPOWER-ACR-0334-2274 Datasheet
291Kb / 2P
QUAD BANK LED RAIL
ACR-0402-1779 ACIPOWER-ACR-0402-1779 Datasheet
230Kb / 2P
DUAL BANK LED RAIL
ACR-0534-2413 ACIPOWER-ACR-0534-2413 Datasheet
285Kb / 2P
QUAD BANK LED RAIL
More results

Similar Description - ACRICH2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMJE-3V04W1P3 ETC2-SMJE-3V04W1P3 Datasheet
766Kb / 19P
The Acrich2 series, which are designed for AC drive(or operation), do not need the standard converter essential for a conventional general lighting product.
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com