Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9539APW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9539APW Datasheet HTML 5Page - NXP Semiconductors PCA9539APW Datasheet HTML 6Page - NXP Semiconductors PCA9539APW Datasheet HTML 7Page - NXP Semiconductors PCA9539APW Datasheet HTML 8Page - NXP Semiconductors PCA9539APW Datasheet HTML 9Page - NXP Semiconductors PCA9539APW Datasheet HTML 10Page - NXP Semiconductors PCA9539APW Datasheet HTML 11Page - NXP Semiconductors PCA9539APW Datasheet HTML 12Page - NXP Semiconductors PCA9539APW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
PCA9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 September 2012
9 of 39
NXP Semiconductors
PCA9539A
Low voltage 16-bit I2C-bus I/O port with interrupt and reset
6.5 RESET input
The RESET input can be asserted to initialize the system while keeping the VDD at its
operating level. A reset can be accomplished by holding the RESET pin LOW for a
minimum of tw(rst). The PCA9539A registers and I2C-bus/SMBus state machine are
changed to their default state once RESET is LOW (0). When RESET is HIGH (1), the I/O
levels at the ports can be changed externally or through the master. This input requires a
pull-up resistor to VDD if no active connection is used.
6.6 Interrupt output
An interrupt is generated by any rising or falling edge of the port inputs in the Input mode.
After time tv(INT), the signal INT is valid. The interrupt is reset when data on the port
changes back to the original value or when data is read form the port that generated the
interrupt (see Figure 10). Resetting occurs in the Read mode at the acknowledge (ACK)
or not acknowledge (NACK) bit after the rising edge of the SCL signal. Interrupts that
occur during the ACK or NACK clock pulse can be lost (or be very short) due to the
resetting of the interrupt during this pulse. Any change of the I/Os after resetting is
detected and is transmitted as INT.
A pin configured as an output cannot cause an interrupt. Changing an I/O from an output
to an input may cause a false interrupt to occur, if the state of the pin does not match the
contents of the Input Port register.
The INT output has an open-drain structure and requires pull-up resistor to VDD.
7.
Bus transactions
The PCA9539A is an I2C-bus slave device. Data is exchanged between the master and
PCA9539A through write and read commands using I2C-bus. The two communication
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
7.1 Writing to the port registers
Data is transmitted to the PCA9539A by sending the device address and setting the least
significant bit to a logic 0 (see Figure 4 “PCA9539A device address”). The command byte
is sent after the address and determines which register will receive the data following the
command byte.
Eight registers within the PCA9539A are configured to operate as four register pairs. The
four pairs are input port, output port, polarity inversion, and configuration registers. After
sending data to one register, the next data byte is sent to the other register in the pair (see
Figure 7 and Figure 8). For example, if the first byte is sent to Output Port 1 (register 3),
the next byte is stored in Output Port 0 (register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this
way, the host can continuously update a register pair independently of the other registers,
or the host can simply update a single register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com