Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9535AHF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCAL9535AHF
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535AHF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCAL9535AHF Datasheet HTML 7Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 8Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 9Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 10Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 11Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 12Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 13Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 14Page - NXP Semiconductors PCAL9535AHF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
11 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
6.2.9 Pull-up/pull-down selection register pair (48h, 49h)
The I/O port can be configured to have a pull-up or pull-down resistor by programming the
pull-up/pull-down selection register. Setting a bit to logic 1 selects a 100 k
 pull-up
resistor for that I/O pin. Setting a bit to logic 0 selects a 100 k
 pull-down resistor for that
I/O pin. If the pull-up/pull-down feature is disconnected, writing to this register will have no
effect on I/O pin. Typical value is 100 k
 with minimum of 50 k and maximum of 150 k.
A register pair write is described in Section 7.1 and a register pair read is described in
Section 7.2.
6.2.10 Interrupt mask register pair (4Ah, 4Bh)
Interrupt mask registers are set to logic 1 upon power-on, disabling interrupts during
system start-up. Interrupts may be enabled by setting corresponding mask bits to logic 0.
If an input changes state and the corresponding bit in the Interrupt mask register is set
to 1, the interrupt is masked and the interrupt pin will not be asserted. If the corresponding
bit in the Interrupt mask register is set to 0, the interrupt pin will be asserted.
When an input changes state and the resulting interrupt is masked (interrupt mask bit
is 1), setting the input mask register bit to 0 will cause the interrupt pin to be asserted.
If the interrupt mask bit of an input that is currently the source of an interrupt is set to 1,
the interrupt pin will be de-asserted. A register pair write is described in Section 7.1 and a
register pair read is described in Section 7.2.
Table 21.
Pull-up/pull-down selection port 0 register (address 48h)
Bit
7
6
5
4
3
2
1
0
Symbol
PUD0.7
PUD0.6
PUD0.5
PUD0.4
PUD0.3
PUD0.2
PUD0.1
PUD0.0
Default
11
11
11
11
Table 22.
Pull-up/pull-down selection port 1 register (address 49h)
Bit
7
6
5
4
3
2
1
0
Symbol
PUD1.7
PUD1.6
PUD1.5
PUD1.4
PUD1.3
PUD1.2
PUD1.1
PUD1.0
Default
11
11
11
11
Table 23.
Interrupt mask port 0 register (address 4Ah) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
M0.7
M0.6
M0.5
M0.4
M0.3
M0.2
M0.1
M0.0
Default
11
11
11
11
Table 24.
Interrupt mask port 1 register (address 4Bh) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
M1.7
M1.6
M1.5
M1.4
M1.3
M1.2
M1.1
M1.0
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com