Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9555APW Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCAL9555APW
Description  Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9555APW Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCAL9555APW Datasheet HTML 17Page - NXP Semiconductors PCAL9555APW Datasheet HTML 18Page - NXP Semiconductors PCAL9555APW Datasheet HTML 19Page - NXP Semiconductors PCAL9555APW Datasheet HTML 20Page - NXP Semiconductors PCAL9555APW Datasheet HTML 21Page - NXP Semiconductors PCAL9555APW Datasheet HTML 22Page - NXP Semiconductors PCAL9555APW Datasheet HTML 23Page - NXP Semiconductors PCAL9555APW Datasheet HTML 24Page - NXP Semiconductors PCAL9555APW Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PCAL9555A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 October 2012
21 of 46
NXP Semiconductors
PCAL9555A
Low-voltage 16-bit GPIO with Agile I/O, interrupt and weak pull-up
8.2 Output drive strength control
The Output drive strength registers allow the user to control the output drive level of the
GPIO. Each GPIO can be configured independently to one of the four possible output
current levels. By programming these bits the user is changing the number of transistor
pairs or ‘fingers’ that drive the I/O pad.
Figure 16 shows a simplified output stage. The behavior of the pad is affected by the
Configuration register, the output port data, and the current control register. When the
Current Control register bits are programmed to 10b, then only two of the fingers are
active, reducing the current drive capability by 50 %.
Fig 14. High value resistor in parallel with
the LED
Fig 15. Device supplied by a lower voltage
002aag164
LED
VDD
Pn
100 kΩ
VDD
002aag165
LED
VDD
Pn
3.3 V
5 V
Fig 16. Simplified output stage
VDD
P0_0 to P0_7
P1_0 to P1_7
Configuration
register
002aah431
DECODER
PMOS_EN0
PMOS_EN1
PMOS_EN2
PMOS_EN3
NMOS_EN3
NMOS_EN2
NMOS_EN1
NMOS_EN0
Output port
register
Current Control
register
PMOS_EN[3:0]
NMOS_EN[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com