Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7665 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7665
Description  16-Bit, 570 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 1 Page - Analog Devices

  AD7665 Datasheet HTML 1Page - Analog Devices AD7665 Datasheet HTML 2Page - Analog Devices AD7665 Datasheet HTML 3Page - Analog Devices AD7665 Datasheet HTML 4Page - Analog Devices AD7665 Datasheet HTML 5Page - Analog Devices AD7665 Datasheet HTML 6Page - Analog Devices AD7665 Datasheet HTML 7Page - Analog Devices AD7665 Datasheet HTML 8Page - Analog Devices AD7665 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7665*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
16-Bit, 570 kSPS CMOS ADC
FUNCTIONAL BLOCK DIAGRAM
DGND
DVDD
AVDD AGND REF REFGND
SWITCHED
CAP DAC
CNVST
IMPULSE
WARP
OGND
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
IND(4R)
4R
OVDD
AD7665
INGND
PD
RESET
BYTESWAP
SER/
PAR
DATA[15:0]
BUSY
CS
RD
OB/
2C
SERIAL
PORT
PARALLEL
INTERFACE
INA(R)
R
INC(4R)
4R
INB(2R)
2R
FEATURES
Throughput:
570 kSPS (Warp Mode)
500 kSPS (Normal Mode)
INL:
2.5 LSB Max ( 0.0038% of Full Scale)
16-Bit Resolution with No Missing Codes
S/(N+D): 90 dB Typ @ 180 kHz
THD: –100 dB Typ @ 180 kHz
Analog Input Voltage Ranges:
Bipolar:
10 V,
5 V,
2.5 V
Unipolar: 0 V to 10 V, 0 V to 5 V, 0 V to 2.5 V
Both AC and DC Specifications
No Pipeline Delay
Parallel (8/16 Bits) and Serial 5 V/3 V Interface
Single 5 V Supply Operation
Power Dissipation
64 mW Typical
15
W @ 100 SPS
Power-Down Mode: 7
W Max
Package: 48-Lead Quad Flatpack (LQFP)
Pin-to-Pin Compatible Upgrade of the AD7664/AD7663
APPLICATIONS
Data Acquisition
Communication
Instrumentation
Spectrum Analysis
Medical Instruments
Process Control
GENERAL DESCRIPTION
The AD7665 is a 16-bit, 570 kSPS, charge redistribution SAR,
analog-to-digital converter that operates from a single 5 V power
supply. It contains a high-speed 16-bit sampling ADC, a resistor
input scaler which allows various input ranges, an internal con-
version clock, error correction circuits, and both serial and
parallel system interface ports.
The AD7665 is hardware factory-calibrated and is comprehen-
sively tested to ensure such ac parameters as signal-to-noise ratio
(SNR) and total harmonic distortion (THD), in addition to the
more traditional dc parameters of gain, offset, and linearity.
It features a very high sampling rate mode (Warp) and, for
asynchronous conversion rate applications, a fast mode (Nor-
mal) and, for low power applications, a reduced power mode
(Impulse) where the power is scaled with the throughput. It is
fabricated using Analog Devices’ high-performance, 0.6 micron
CMOS process and is available in a 48-lead LQFP with opera-
tion specified from –40
°C to +85°C.
*Patent pending.
PRODUCT HIGHLIGHTS
1. Fast Throughput
The AD7665 is a very high speed (570 kSPS in Warp mode
and 500 kSPS in Normal mode), charge redistribution,
16-bit SAR ADC.
2. Single Supply Operation
The AD7665 operates from a single 5 V supply, dissipates
only 64 mW typical, even lower when a reduced throughput
is used with the reduced power mode (Impulse) and a power-
down mode.
3. Superior INL
The AD7665 has a maximum integral nonlinearity of 2.5 LSB
with no missing 16-bit code.
4. Serial or Parallel Interface
Versatile parallel (8 or 16 bits) or 2-wire serial interface
arrangement compatible with both 3 V or 5 V logic.


Similar Part No. - AD7665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7665 AD-AD7665 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7665 AD-AD7665 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7665 AD-AD7665 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7665 AD-AD7665 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7665 AD-AD7665 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7650 AD-AD7650_15 Datasheet
228Kb / 20P
16-Bit, 570 kSPS Low Cost CMOS ADC
REV. 0
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
16-Bit, 570 kSPS
REV. E
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7650 AD-AD7650 Datasheet
265Kb / 21P
16-Bit, 570 kSPS Low Cost CMOS ADC
23-Feb-2017
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com