Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7650 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7650
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 1 Page - Analog Devices

  AD7650 Datasheet HTML 1Page - Analog Devices AD7650 Datasheet HTML 2Page - Analog Devices AD7650 Datasheet HTML 3Page - Analog Devices AD7650 Datasheet HTML 4Page - Analog Devices AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV. PrA
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7667*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
16-Bit 1 MSPS SAR Unipolar ADC with Ref
FUNCTIONAL
BLOCK
DIAGRAM
SWITCHED
CAP DAC
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7667
DATA[15:0]
BUSY
RD
CS
SER/PAR
OB/2C
OGND
OVDD
DGND
DVDD
AVDD
AGND
REF REFGND
IN
INGND
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CNVST
WARP
IMPULSE
2.5 V REF
PDREF
PDBUF
REFBUFIN
BYTESWAP
FEATURES
Throughput:
1 MSPS (Warp Mode)
800 kSPS (Normal Mode)
INL: ±2.5 LSB Max (±0.0038% of Full Scale)
16 Bits Resolution with No Missing Codes
Analog Input Voltage Range: 0 V to 2.5 V
No Pipeline Delay
Parallel and Serial 5 V/3 V Interface
SPI
TM/QSPITM/MICROWIRETM/DSP Compatible
Single 5 V Supply Operation
Power Dissipation
112 mW Typ without REF, 122 mW Typ with REF
15
W @ 100 SPS
Power-Down Mode: 7
W Max
Package: 48-Lead Quad Flat Pack (LQFP);
48-Lead Chip Scale Package (LFCSP);
Pin-to-Pin Compatible with PulSAR ADCs
APPLICATIONS
Data Acquisition
Instrumentation
Digital Signal Processing
Spectrum Analysis
Medical Instruments
Battery-Powered Systems
Process Control
GENERAL DESCRIPTION
The AD7667 is a 16-bit, 1 MSPS, charge redistribution SAR,
analog-to-digital converter that operates from a single 5 V
power supply. The part contains a high-speed 16-bit sampling
ADC, an internal conversion clock, internal reference, error
correction circuits, and both serial and parallel system inter-
face ports.
It features a very high sampling rate mode (Warp) and, for
asynchronous conversion rate applications, a fast mode
(Normal) and, for low power applications, a reduced power
mode (Impulse) where the power is scaled with the through-
put.
It is fabricated using Analog Devices’ high-performance, 0.6 micron
CMOS process, with correspondingly low cost and is available in a
48-lead LQFP and a tiny 48-lead LFCSP with operation speci-
fied from –40°C to +85°C.
PRODUCT HIGHLIGHTS
1. Fast Throughput
The AD7667 is a 1 MSPS, charge redistribution, 16-bit
SAR ADC with internal error correction circuitry.
2. Internal Reference
The AD7667 has an internal reference and allows for an
external reference to be used.
3. Superior INL
The AD7667 has a maximum integral nonlinearity of 2.5
LSB with no missing 16-bit code.
4. Single-Supply Operation
The AD7667 operates from a single 5 V supply and dissipates
a typical of 112 mW. In impulse mode, its power dissi-
pation decreases with the throughput. It consumes 7 µW
maximum when in power-down.
5. Serial or Parallel Interface
Versatile parallel or 2-wire serial interface arrangement
compatible with both 3 V or 5 V logic.
*Patent pending.
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE ia a trademark of National Semiconductor Corporation
Pseudo
AD7651
AD7650/52
AD7653
Differential
AD7660/61
AD7664/66
AD7667
True Bipolar
AD7663
AD7665
AD7671
True
AD7675
AD7676
AD7677
Differential
Type / kSPS
100 - 250
500 - 570
1000
PulSAR Selection


Similar Part No. - AD7650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7650 AD-AD7650 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7650 AD-AD7650 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7650 AD-AD7650 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7650 AD-AD7650 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7650 AD-AD7650 Datasheet
675Kb / 24P
16-Bit, 1 MSPS CMOS ADC
REV. C
More results

Similar Description - AD7650

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7653 AD-AD7653_15 Datasheet
809Kb / 28P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
REV. A
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
Initial Version.
AD7653 AD-AD7653 Datasheet
786Kb / 27P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
C
AD7485 AD-AD7485 Datasheet
812Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
23-Feb-2017
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com