Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7709 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7709
Description  16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7709 Datasheet HTML 7Page - Analog Devices AD7709 Datasheet HTML 8Page - Analog Devices AD7709 Datasheet HTML 9Page - Analog Devices AD7709 Datasheet HTML 10Page - Analog Devices AD7709 Datasheet HTML 11Page - Analog Devices AD7709 Datasheet HTML 12Page - Analog Devices AD7709 Datasheet HTML 13Page - Analog Devices AD7709 Datasheet HTML 14Page - Analog Devices AD7709 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD7709
–11–
REV. PrA
January 2001
PRELIMINARY TECHNICAL DATA
SF
Data Update
Input Range
Word
Rate (Hz)
±20mV
±40mV
±80mV
±160mV ±320mV ±640mV ±1.24V
±2.56V
13
105.3
1.50
1.50
1.60
1.75
3.50
4.50
6.70
11.75
69
19.79
0.60
0.65
0.65
0.65
0.65
0.95
1.40
2.30
255
5.35
0.35
0.35
0.37
0.37
0.37
0.51
0.82
1.25
ADC NOISE PERFORMANCE
Tables I and II below show the output rms noise and output peak-to-peak resolution in bits (rounded to the nearest
0.5LSB) for some typical output update rates . The numbers are typical and generated at a differential input voltage of
0V. The output update rate is selected via the SF7-SF0 bits in the Filter Register. It is important to note that the peak-
to-peak resolution figures represent the resolution for which there will be no code flicker within a six-sigma limit.The
output noise comes from two sources. The first is the electrical noise in the semiconductor devices (device noise) used in
the implementation of the modulator. Secondly, when the analog input is converted into the digital domain, quantization
noise is added. The device noise is at a low level and is independant of frequency. The quantization noise starts at an even
lower level but rises rapidly with increasing frequency to become the dominant noise source.The numbers in the tables are
given for the bipolar input ranges. For the unipolar ranges the rms noise numbers will be the same as the bipolar range
but the peak to peak resolution is now based on half the signal range which effectively means loosing 1 bit of resolution.
Table I. Typical Output RMS Noise vs. Input Range and Update Rate for AD7709
Output RMS Noise in µV
SF
Data Update
Input Range
Word
Rate (Hz)
±20mV
±40mV
±80mV
±160mV ±320mV ±640mV ±1.24V
±2.56V
13
105.3
12
13
14
15
15
15.5
16
16
69
19.79
13
14
15
16
16
16
16
16
255
5.35
14
15
16
16
16
16
16
16
Table II. Peak-to-Peak Resolution vs. Input Range and Update Rate for AD7709
Peak-to-Peak Resolution in Bits
AD7709 ON-CHIP REGISTERS
Both the AD7709 is controlled and configured via 4 on-chip registers as shown in figure 4 and described in more detail
in the following section. In the following descriptions, SET implies a logic 1 state and CLEARED implies a logic 0 state
unless otherwise stated.
0A 1 A0
DIN
DOUT
ADC Data Register
Filter Register
DIN
DOUT
Configuration Register(24-Bits)
DOUT
REGISTER
SELEC T
DECODER
Status Register
C om m unicatio ns R egister
DIN
DIN
DOUT
DOUT
0
OSC P D
STB Y
R/W
WE N
Figure 4. AD7709 On-Chip Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com