Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7676 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7676
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7676 Datasheet(HTML) 2 Page - Analog Devices

  AD7676 Datasheet HTML 1Page - Analog Devices AD7676 Datasheet HTML 2Page - Analog Devices AD7676 Datasheet HTML 3Page - Analog Devices AD7676 Datasheet HTML 4Page - Analog Devices AD7676 Datasheet HTML 5Page - Analog Devices AD7676 Datasheet HTML 6Page - Analog Devices AD7676 Datasheet HTML 7Page - Analog Devices AD7676 Datasheet HTML 8Page - Analog Devices AD7676 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PRELIMINARY TECHNICAL DATA
REV. Pr
A
–2–
AD7667
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN – VINGND
0VREF
V
Operating Input Voltage
VIN
–0.1
+3
V
VINGND
–0.1
+0.5
V
Analog Input CMRR
fIN = 10 kHz
TBD
dB
Input Current
1 MSPS Throughput
11
µA
Input Impedance
See Analog Input Section
THROUGHPUT SPEED
Complete Cycle
In Warp Mode
1
µs
Throughput Rate
In Warp Mode
1
1000
kSPS
Time Between Conversions
In Warp Mode
1
ms
Complete Cycle
In Normal Mode
1.25
µs
Throughput Rate
In Normal Mode
0
800
kSPS
Complete Cycle
In Impulse Mode
1.5
µs
Throughput Rate
In Impulse Mode
0
666
kSPS
DC ACCURACY
Integral Linearity Error
–2.5
+2.5
LSB
1
No Missing Codes
16
Bits
Transition Noise
0.7
LSB
Full-Scale Error
2
REF = 2.5 V
±TBD
% of FSR
Unipolar Zero Error
2
±TBD
±TBD
LSB
Power Supply Sensitivity
AVDD = 5 V ± 5%
±TBD
LSB
AC ACCURACY
Signal-to-Noise
fIN = 100 kHz
90
dB
Spurious Free Dynamic Range
fIN = 100 kHz
100
dB
Total Harmonic Distortion
fIN = 45 kHz
-100
dB
fIN = 100 kHz
-100
dB
Signal-to-(Noise+Distortion)
fIN = 100 kHz
90
dB
–60 dB Input, fIN = 100 kHz
30
dB
–3 dB Input Bandwidth
TBD
MHz
SAMPLING DYNAMICS
Aperture Delay
2ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
250
ns
REFERENCE
Internal Reference Voltage
@
25 C
TBD
2.5
TBD
V
Internal Reference Source Current
TBD
µA
Internal Reference Temp Drift
–40 C to +85 C
TBD
ppm/ C
Internal Reference Temp Drift
0 C to +70 C
TBD
ppm/ C
Turn-on Settling Time
TBD
External Reference Voltage Range
2.3
2.5
AVDD – 1.85
V
External Reference Current Drain
1 MSPS Throughput
TBD
µA
Temperature Pin
Voltage Output @
25 C
313
mV
Temperature Sensitivity
1
mV/ C
Output Resistance
4.3
k
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
2.0
OVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format
Parallel or Serial 16-Bits
Pipeline Delay
Conversion Results Available
Immediately after
Completed Conversion
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –500 µA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
9
V
–SPECIFICATIONS (–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com