Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7710 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7710
Description  Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7710 Datasheet(HTML) 3 Page - Analog Devices

  AD7710 Datasheet HTML 1Page - Analog Devices AD7710 Datasheet HTML 2Page - Analog Devices AD7710 Datasheet HTML 3Page - Analog Devices AD7710 Datasheet HTML 4Page - Analog Devices AD7710 Datasheet HTML 5Page - Analog Devices AD7710 Datasheet HTML 6Page - Analog Devices AD7710 Datasheet HTML 7Page - Analog Devices AD7710 Datasheet HTML 8Page - Analog Devices AD7710 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Parameter
A, S Versions
1
Units
Conditions/Comments
REFERENCE OUTPUT
Output Voltage
2.5
V nom
Initial Tolerance @ +25
°C
±1
% max
Drift
20
ppm/
°C typ
Output Noise
30
µV typ
pk-pk Noise 0.1 Hz to 10 Hz Bandwidth
Line Regulation (AVDD)
1
mV/V max
Load Regulation
1.5
mV/mA max Maximum Load Current 1 mA
External Current
1
mA max
VBIAS INPUT
12
Input Voltage Range
AVDD – 0.85 × VREF
See VBIAS Input Section
or AV
DD – 3.5
V max
Whichever Is Smaller: +5 V/–5 V or +10 V/0 V
Nominal AVDD/VSS
or AVDD – 2.1
V max
Whichever Is Smaller; +5 V/0 V Nominal AVDD/VSS
VSS + 0.85 × VREF
See VBIAS Input Section
or VSS + 3
V min
Whichever Is Greater; +5 V/–5 V or +10 V/0 V
Nominal AV
DD/VSS
or VSS + 2.1
V min
Whichever Is Greater; +5 V/0 V Nominal AVDD/VSS
VBIAS Rejection
65 to 85
dB typ
Increasing with Gain
LOGIC INPUTS
Input Current
±10
µΑ max
All Inputs Except MCLK IN
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
2.0
V min
MCLK IN Only
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
LOGIC OUTPUTS
VOL, Output Low Voltage
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
DVDD – 1
V min
ISOURCE = 100 µA
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
13
9
pF typ
TRANSDUCER BURNOUT
Current
4.5
µA nom
Initial Tolerance @ +25
°C
±10
% typ
Drift
0.1
%/
°C typ
COMPENSATION CURRENT
Output Current
20
µA nom
Initial Tolerance @ +25
°C
±4
µA max
Drift
35
ppm/
°C typ
Line Regulation (AVDD)
20
nA/V max
AVDD = +5 V
Load Regulation
20
nA/V max
Output Compliance
AVDD – 2
V max
SYSTEM CALIBRATION
Positive Full-Scale Calibration Limit
l4
(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Negative Full-Scale Calibration Limit
l4
–(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Offset Calibration Limits
15
–(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Input Span
15
0.8
× V
REF/GAIN
V min
GAIN Is the Selected PGA Gain (Between 1 and 128)
(2.1
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
NOTES
12The AD7710 is tested with the following V
BIAS voltages. With AVDD = +5 V and VSS = 0 V, VBIAS = +2.5 V; with AVDD = +10 V and VSS = 0 V, VBIAS = +5 V and
with AVDD = +5 V and VSS = –5 V, VBIAS = 0 V.
13Guaranteed by design, not production tested.
14After calibration, if the analog input exceeds positive full scale, the converter will output all 1s. If the analog input is less than negative full scale then the device will
output all 0s.
15These calibration and span limits apply provided the absolute voltage on the analog inputs does not exceed AV
DD + 30 mV or go more negative than V SS – 30 mV.
The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
REV. F
–3–
AD7710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com