Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7716 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7716
Description  LC2MOS 22-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7716 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7716 Datasheet HTML 2Page - Analog Devices AD7716 Datasheet HTML 3Page - Analog Devices AD7716 Datasheet HTML 4Page - Analog Devices AD7716 Datasheet HTML 5Page - Analog Devices AD7716 Datasheet HTML 6Page - Analog Devices AD7716 Datasheet HTML 7Page - Analog Devices AD7716 Datasheet HTML 8Page - Analog Devices AD7716 Datasheet HTML 9Page - Analog Devices AD7716 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
AD7716
–6–
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Inputs to AGND . . . . . . AVSS – 0.3 V to AVDD + 0.3 V
VREF to AGND . . . . . . . . . . . . AVSS – 0.3 V to AVDD + 0.3 V
Digital Inputs to DGND
2
. . . . . . . . . . –0.3 V to DVDD + 0.3 V
Digital Outputs to DGND . . . . . . . . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial Plastic (B Versions) . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
PQFP Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
PLCC Package, Power Dissipation . . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 55
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PQFP PINOUT
PLCC PINOUT
NC = NO CONNECT
MODE
NC
DIN1
NC
CASCIN
NC
DVDD
NC
NC
NC
RFS
SCLK
DOUT1
DGND
VREF
AVSS
AGND
CASCOUT
AGND
AVDD
AIN1
RESET
44
1
2
64
5
21
24
23
22
18
20
19
39
38
35
34
33
37
36
3
7
8
11
12
13
9
10
40
41
42
25
28
27
26
43
31
30
29
32
15
16
17
14
TOP VIEW
(Not to Scale)
AD7716
26 CASCOUT
NC = NO CONNECT
33 MODE
32 NC
31 NC
30 DVDD
29 DIN1
28 NC
27 CASCIN
25 VREF
24 AVSS
23 AGND
NC 1
NC 2
DOUT1 3
DGND 4
NC 5
SCLK 7
RESET 8
AGND 9
AVDD 10
AIN1 11
AD7716
TOP VIEW
(Not to Scale)
RFS 6
ORDERING GUIDE
Temperature
Output Noise
Package
Model
Range
(Filter: 146 Hz)
Option*
AD7716BP
–40
°C to +85°C
11
µV rms
P-44A
AD7716BS
–40
°C to +85°C
11
µV rms
S-44
*P = PLCC (Plastic Leaded Chip Carrier); S = PQFP (Plastic Quad Flatpack).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com