Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM8205 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTM8205
Description  Dual N-Channel 2.5-V (G-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM8205 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTM8205 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Dual N-Channel 2.5-V (G-S) MOSFET
FEATURES
•
Halogen-free Option Available
•
TrenchFET® Power MOSFETs
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.022 at VGS = 4.5 V
6.5
0.030 at VGS = 2.5 V
5.5
D
S1
S1
G1
1
2
3
4
8
7
6
5
D
S2
S2
G2
TSSOP-8
Top View
Notes:
a. Surface Mounted on FR4 board, t
≤ 10 s.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
6.5
5.2
A
TA = 70 °C
5.5
3.5
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)a
IS
1.5
1.0
Maximum Power Dissipationa
TA = 25 °C
PD
1.5
1.0
W
TA = 70 °C
0.96
0.64
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
72
83
°C/W
Steady State
100
120
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
55
70
Available
Pb-free
RoHS*
COMPLIANT
G1
S1
G2
D
S2
D
DT
www.
daysemi.jp


Similar Part No. - DTM8205

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM8205 DINTEK-DTM8205 Datasheet
1Mb / 8P
Dual N-Channel 2.5-V (G-S) MOSFET Halogen-free
DTM8205 DINTEK-DTM8205_13 Datasheet
1Mb / 8P
Dual N-Channel 2.5-V (G-S) MOSFET Halogen-free
More results

Similar Description - DTM8205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
Dual N-Channel 2.5-V (G-S) MOSFET
06-Oct-97
72413 VISHAY-72413 Datasheet
182Kb / 3P
Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
Dual N-Channel 2.5-V (G-S) MOSFET
26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
Dual N-Channel 2.5-V (G-S) MOSFET
16-Feb-04
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
Dual N-Channel 2.5-V (G-S) MOSFET
18-Apr-05
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
Dual N-Channel 2.5 V (G-S) MOSFET
08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
Dual N-Channel 2.5-V (G-S) MOSFET
12-May-08
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
Dual N-Channel 2.5-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com