Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI.232FHSS-250-R Datasheet(PDF) 12 Page - Radiometrix Ltd

Part # WI.232FHSS-250-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-250-R Datasheet(HTML) 12 Page - Radiometrix Ltd

Back Button WI.232FHSS-250-R Datasheet HTML 8Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 9Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 10Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 11Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 12Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 13Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 14Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 15Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 16Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
11
Revision 1.1.0
Figure 3: Wi.232 Networking Concept
The module is designed to interface directly to a host UART. Three signals are used to transfer data
between the module and the host UART: TXD, RXD, and CTS. TXD is the data output from the module.
RXD is the data input to the module. CTS is an output that indicates the status of the module’s data
interface. If CTS is low, the module is ready to accept data. If CTS is high, the module is busy and the
host UART should not send any further data. The UART interface is capable of operating in full duplex at
baud rates from 2.4 to 115.2 kbps. The UART interface expects 1 start bit, 8 data bits (lsb first), and 1 stop
bit per byte with no parity (8-N-1).
Internally, the module has a 256 byte buffer for incoming characters from the host UART. The module can
be programmed to automatically transmit when the buffer reaches a programmed limit, set by
regUARTMTU. The module can also be programmed to transmit based on a delay between characters,
set by regTXTO (set in 1mSec increments). These registers allow the designer to optimize performance of
the module for fixed length and variable length data. The module supports streaming data, as well. To
optimize the module for streaming data, regUARTMTU should be set to 128. Additionally, regTXTO
should be set to a value greater than 1 UART byte time (10 bit times rounded up) at the current UART data
rate, or 2, whichever is greater. If the UART receive/RF transmit buffer becomes nearly full (about 224
bytes), the module will assert CTS high, indicating that the host should not send any more data. Data sent
by the host while CTS is high could be lost. When there is data in the UART receive/RF transmit buffer,
the BE pin is low; when this buffer is empty, BE is high.
When the MAC layer has a packet to send, it will optionally use a carrier-sense-multiple-access (CSMA)
protocol to determine if another module is already transmitting. If another module is transmitting, the
module will receive that data before attempting to transmit its data again. If, during this process, the UART
receive buffer gets full, the CTS line will go high to prevent the host UART from over-running the receive
buffer. The CSMA mechanism introduces a variable delay to the transmission channel. This delay is the
sum of a random period and a weighted period that is dependent on the number of times that the module
has tried and failed to acquire the channel. For applications that guarantee that only one module will be
transmitting at any given time, the CSMA mechanism can be turned off to avoid this delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com