Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 36 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 36 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 32Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 33Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 34Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 35Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 36Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 37Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 38Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 39Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 40Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
35
Revision 1.1.0
4.1.3. Power Mode (regPWRMODE)
regNVPWRMODE (0x02)
regPWRMODE (0x4D)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
NA
NA
NA
NA
NA
NA
PM1
PM0
7
6
5
4
3
2
1
0
Default Power Mode: High Power
The following table shows the available power settings and typical power outputs for the Wi.232FHSS-25-R
and Wi.232FHSS-250-R:
PM1
PM0
WI.232FHSS-250-R
WI.232FHSS-25-R
0
0
Low (+8 dBm)
Low (-2 dBm)
0
1
Mid - Low (+13 dBm)
Mid - Low (+3 dBm)
1
0
Mid - High (+18 dBm)
Mid - High (+8 dBm)
1
1
High (+23.5 dBm)
High (+13 dBm)
Table 11, Power Mode Register Settings
Wi.232FHSS-25-R modules transmitting at high power in close proximity of one another may cause an
increase in data loss. The Wi.232FHSS-250-R incorporates on-board AGC circuitry to mitigate this effect.
4.1.4. UART Data Rate (regUARTDATARATE)
regNVUARTDATARATE (0x03)
regUARTDATARATE (0x4E)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RES
RES
RES
RES
RES
BR2
BR1
BR0
7
6
5
4
3
2
1
0
Default UART Data Rate: 2400 baud
Changing the value in regNVUARTDATARATE will change the default data rate at power-on or following a
reset (wake from deep sleep is not considered a reset). Changing regUARTDATARATE will change the
current data rate immediately following the command acknowledgment. Valid settings are:
Baud Rate
BR2
BR1
BR0
2400
0
0
0
9600
0
0
1
19200
0
1
0
38400
0
1
1
57600
1
0
0
115200
1
0
1
10400
1
1
0
31250
1
1
1
Table 12, Data Rate Register Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com