Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK-Wi.232FHSS-250-FCC-R Datasheet(PDF) 42 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-250-FCC-R Datasheet(HTML) 42 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-250-FCC-R Datasheet HTML 38Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 39Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 40Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 41Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 42Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 43Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 44Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 45Page - Radiometrix Ltd RK-Wi.232FHSS-250-FCC-R Datasheet HTML 46Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
41
Revision 1.1.0
4.1.13. UART Acknowledge on Wake (regACKONWAKE)
regNVACKONWAKE (0x0E)
regACKONWAKE (0x59)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default UART Acknowledge on Wake: Enabled (0x01)
When UART Acknowledge on Wake is enabled, the module will send an ACK (0x06) character out of the
UART TxD pin after the module wakes. This indicates that the module is ready to accept data and
command traffic. A value of 0x01 enables this feature. Setting the register to 0x00 disables it.
4.1.14. User Destination ID[3] (regUSERDESTID[3])
regNVUSERDESTID[3] (0x0F)
regUSERDESTID[3] (0x5A)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User Destination ID[3]: 0xFF
This is the most significant byte (byte 3) of the 32-bit user extended destination address. When Extended
User addressing is enabled, this register is used in conjunction with User Destination Address[2-0]
registers to direct a transmitted packet to the proper endpoint(s). For more information on the operation of
addressing modes, please refer to the Addressing Modes section of this document.
4.1.15. User Destination ID[2] (regUSERDESTID[2])
regNVUSERDESTID[2] (0x10)
regUSERDESTID[2] (0x5B)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User Destination ID[2]: 0xFF
This is byte 2 of the 32-bit user extended destination address. When Extended User addressing is enabled,
this register is used in conjunction with User Destination ID[3] and User Destination ID[1-0] registers to
direct a transmitted packet to the proper endpoint(s). For more information on the operation of addressing
modes, please refer to the Addressing Modes section of this document.
4.1.16. User Destination ID[1] (regUSERDESTID[1])
regNVUSERDESTID[1] (0x11)
regUSERDESTID[1] (0x5C)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com