Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7731 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7731 Datasheet HTML 35Page - Analog Devices AD7731 Datasheet HTML 36Page - Analog Devices AD7731 Datasheet HTML 37Page - Analog Devices AD7731 Datasheet HTML 38Page - Analog Devices AD7731 Datasheet HTML 39Page - Analog Devices AD7731 Datasheet HTML 40Page - Analog Devices AD7731 Datasheet HTML 41Page - Analog Devices AD7731 Datasheet HTML 42Page - Analog Devices AD7731 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD7731
–39–
REV. 0
APPLICATIONS
The on-chip PGA allows the AD7731 to handle analog input
voltage ranges from 20 mV to 1.28 V. This makes the AD7731
suitable for a range of application areas from handling signals
directly from a transducer to processing fully-conditioned full-
scale inputs. Some of these applications are discussed in the
following sections.
The AD7731 offers both unipolar and bipolar input ranges. In
many cases, the application is single supply with the bipolar
input voltages referenced to a biased-up differential voltage.
Some applications will, however, require the flexibility of han-
dling true bipolar inputs. Figure 25 shows how to configure the
AD7731 to handle this type of signal.
It should be noted in multiplexed applications that an input
overvoltage (either >AVDD + 0.3 V or <AGND – 0.3 V) on an
unselected channel can affect the conversion result on the se-
lected channel. The system design should ensure that the input
voltage on channels where input leads may be unconnected or
broken be kept within the above limits.
The AD7731 has a variety of different modes aimed at optimiz-
ing the AD7731’s performance across differing application require-
ments. The issue of filtering and settling time and throughput rates
in multichannel applications has previously been discussed in the
Filter Architecture section.
Data Acquisition
The AD7731 with its three differential channels (or five pseudo-
differential channels) is suited to low bandwidth, high resolution
data acquisition systems. In addition, the three-wire digital
interface allows this data acquisition front end to be isolated
with just three optoisolators. The entire system can be operated
from a single +5 V supply provided that the input signals to the
AD7731’s analog inputs are all of positive polarity. Figure 21
shows the AD7731 in an isolated three-channel data acquisition
system.
Programmable Logic Controllers
The AD7731 is also suited to programmable logic controller
applications. In such applications, the ADC is required to
handle signals from a variety of different transducers. The
AD7731’s programmable gain front end allows the part to either
handle low level signals directly from a transducer or full-scale
signals which have already been conditioned. The fast through-
put rate and settling-time of the part is also an important feature
in these applications where loop response time is often critical.
The configuration of the AD7731 in PLC applications is similar
to that outlined in Figure 21 for the data acquisition system.
SIGMA-
DELTA
MODULATOR
CLOCK
GENERATION
AD7731
SERIAL INTERFACE
AND CONTROL LOGIC
REGISTER BANK
DIGITAL
FILTER
SIGMA-DELTA A/D
CONVERTER
BUFFER
PGA
STANDBY
SYNC
MCLK IN
MCLK OUT
SCLK
CS
DIN
DOUT
RESET
RDY
POL
DGND
+5V
100nA
AGND
100nA
AVDD
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
MICROCONTROLLER
OPTO-ISOLATORS
AGND
REF IN (–)
REF IN (+)
AD780
+5V
VOUT
GND
+VIN
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
AVDD
DVDD
Figure 21. Data Acquisition Using the AD7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com