Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7740 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7740
Description  3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7740 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7740 Datasheet HTML 2Page - Analog Devices AD7740 Datasheet HTML 3Page - Analog Devices AD7740 Datasheet HTML 4Page - Analog Devices AD7740 Datasheet HTML 5Page - Analog Devices AD7740 Datasheet HTML 6Page - Analog Devices AD7740 Datasheet HTML 7Page - Analog Devices AD7740 Datasheet HTML 8Page - Analog Devices AD7740 Datasheet HTML 9Page - Analog Devices AD7740 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
–6–
–0.015
–0.005
0
0.005
0.01
–0.01
–0.5
0
0.5
1.5
1
2
2.5
VIN – V
VDD = 5V
REFIN = 2.5V
CLKIN = 1MHz
TA = 25 C
BUFFER OFF
BUFFER ON
0.015
TPC 1. INL vs. VIN (Buffered and
Unbuffered)
VDD – V
12
8
–8
03
6
45
4
–4
0
REFIN = 2.5V
CLKIN = 1MHz
TA = 25 C
BUF = 0
GAIN ERROR
GAIN ERROR
OFFSET ERROR
0.08
0.04
–0.12
0
–0.08
–0.04
TPC 4. Offset and Gain Error vs. VDD
VDD – V
2.520
2.500
2.5
3.0
5.5
3.5
2.515
2.510
TA = 25 C
2.505
4.0
4.5
5.0
TPC 7. REFOUT vs. VDD
CLKIN FREQUENCY – kHz
–4
–5
–8
0
200
1000
400
–6
–7
600
800
VDD = 5V
REFIN = 2.5V
TA = 25 C
BUFFER ON
BUFFER OFF
TPC 2. Offset Error vs. CLKIN
(Buffered and Unbuffered)
VIN – V
–80
–1
0
5
1
23
4
–60
–50
–70
VDD = 5V
REFIN = 4.75V
CLKIN = 1MHz
TA = 25 C
BUFFER ON
BUFFER OFF
TPC 5. PSRR vs. VIN (Buffered and
Unbuffered)
2.00V CH2 2.00V M 2.00 s
FOUT
CLKIN
2
VDD = 5V
REFIN = 5V
TA = 25 C
CLKIN
1 MHz
1
CH1
TPC 8. Typical FOUT Pulse Train
(VIN = VREF/4)
CLKIN FREQUENCY – kHz
–0.1
0
–0.05
0.05
0.1
0
200
800
600
400
1000
BUFFER
OFF
BUFFER ON
VDD = 5V
REFIN = 2.5V
TA = 25 C
TPC 3. Gain Error vs. CLKIN
(Buffered and Unbuffered)
CLKIN FREQUENCY – kHz
0
0
200
0.25
400
600
800
1000
0.5
0.75
1
1.25
BUFFER OFF
BUFFER ON
VDD = 5V
REFIN = 5V
TA = 25 C
CFOUT = 43pF
CCLKOUT = 22pF
TPC 6. IDD vs. CLKIN (Buffered and
Unbuffered)
AD7740–Typical Performance Characteristics
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com