Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7741 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7741
Description  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7741 Datasheet(HTML) 1 Page - Analog Devices

  AD7741 Datasheet HTML 1Page - Analog Devices AD7741 Datasheet HTML 2Page - Analog Devices AD7741 Datasheet HTML 3Page - Analog Devices AD7741 Datasheet HTML 4Page - Analog Devices AD7741 Datasheet HTML 5Page - Analog Devices AD7741 Datasheet HTML 6Page - Analog Devices AD7741 Datasheet HTML 7Page - Analog Devices AD7741 Datasheet HTML 8Page - Analog Devices AD7741 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7741/AD7742
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Single and Multichannel, Synchronous
Voltage-to-Frequency Converters
FUNCTIONAL BLOCK DIAGRAMS
X1
VOLTAGE-TO-
FREQUENCY
MODULATOR
CLOCK
GENERATION
CLKIN
CLKOUT
GND
VIN
POWER-DOWN
LOGIC
PD
REFIN/OUT
VDD
fOUT
AD7741
+2.5V
REFERENCE
X1/X2
INPUT
MUX
VOLTAGE-TO-
FREQUENCY
MODULATOR
REFIN
+2.5V
REFERENCE
REFOUT
CLOCK
GENERATION
CLKIN
CLKOUT
GND
GAIN
VIN1
A1
A0
VIN2
VIN3
VIN4
POWER-DOWN
LOGIC
PD
UNI/
BIP
VDD
fOUT
AD7742
FEATURES
AD7741: One Single-Ended Input Channel
AD7742: Two Differential or Three Pseudo-Differential
Input Channels
Integral Nonlinearity of 0.012% at fOUT(Max) = 2.75 MHz
(AD7742) and at fOUT(Max) = 1.35 MHz (AD7741)
Single +5 V Supply Operation
Buffered Inputs
Programmable Gain Analog Front-End
On-Chip +2.5 V Reference
Internal/External Reference Option
Power Down to 35
A Max
Minimal External Components Required
8-Lead and 16-Lead DIP and SOIC Packages
APPLICATIONS
Low Cost Analog-to-Digital Conversion
Signal Isolation
GENERAL DESCRIPTION
The AD7741/AD7742 are a new generation of synchronous
voltage-to-frequency converters (VFCs). The AD7741 is a
single-channel version in an 8-lead package (SOIC/DIP) and the
AD7742 is a multichannel version in a 16-lead package (SOIC/
DIP). No user trimming is required to achieve the specified
performance.
The AD7741 has a single buffered input whereas the AD7742
has four buffered inputs that may be configured as two fully-
differential inputs or three pseudo-differential inputs. Both parts
include an on-chip +2.5 V bandgap reference that provides the
user with the option of using this internal reference or an exter-
nal reference.
The AD7741 has a single-ended voltage input range from 0 V
to REFIN. The AD7742 has a differential voltage input range
from –VREF to +VREF. Both parts operate from a single +5 V
supply consuming typically 6 mA, and also contain a power-
down feature that reduces the current consumption to less than
35
µA.


Similar Part No. - AD7741

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
120Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
120Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

Similar Description - AD7741

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Analog Devices
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Analog Devices
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com