Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRSW Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CRSW
Description  Surge Withstanding Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRSW Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CRSW Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRSW Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRSW Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CRSW Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
.
■
Marking
0805~2512 4 digits marking for Example
Resistance
100Ω
2.2KΩ
10KΩ
49.9KΩ
100KΩ
marking
1000
2201
1002
4992
1003
0603: 3 digits marking in E24
Example: 101=100Ω 102=1KΩ (1
st and 2nd are E24 code and 3rd code is multiplier)
E24
code
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
■
Recommend Land Pattern
Unit: mm
Size
A
B
C
0603.....
0.90
0.60
0.90
0805.....
1.20
0.70
1.30
1206.....
2.00
0.90
1.60
1210.....
2.00
0.90
2.80
2010.....
3.80
0.90
2.80
2512.....
3.80
1.60
3.50
A
B
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com