Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7750 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7750
Description  Product-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7750 Datasheet HTML 2Page - Analog Devices AD7750 Datasheet HTML 3Page - Analog Devices AD7750 Datasheet HTML 4Page - Analog Devices AD7750 Datasheet HTML 5Page - Analog Devices AD7750 Datasheet HTML 6Page - Analog Devices AD7750 Datasheet HTML 7Page - Analog Devices AD7750 Datasheet HTML 8Page - Analog Devices AD7750 Datasheet HTML 9Page - Analog Devices AD7750 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7750
–6–
REV. 0
V1 AMPLITUDE – mV rms
0.1
0.001
0.01
0.1
1.0
10
0.05
–0.05
–0.1
–0.15
–0.2
0
–0.25
–0.3
VDD = 5V
V2 = FULL SCALE
Figure 4. Error as a Percentage (%) of Reading Over a
Dynamic Range of 1000, Gain = 1
V1 AMPLITUDE – mV rms
0.0001
0.01
0.1
0
0.001
–0.05
–0.1
–0.15
–0.2
–0.25
–0.3
–0.35
–0.4
–0.45
–0.5
VDD = 5V
V2 = FULL SCALE
Figure 5. Error as a Percentage (%) of Reading Over a
Dynamic Range of 1000, Gain = 16
V1 AMPLITUDE – mV rms
0.2
100
–0.2
–0.4
0
–0.6
101
102
103
0.4
0.6
VDD = 5.25V
VDD = 5.00V
VDD = 4.75V
Figure 6. Measurement Error vs. Input Signal Level and
Varying VDD with Channel 1, Gain = 1
V1 AMPLITUDE – mV rms
0.2
10–2
–0.4
–0.6
0
10–1
100
102
0.4
0.6
VDD = 5.25V
VDD = 5.00V
VDD = 4.75V
–0.2
0.8
101
Figure 7. Measurement Error vs. Input Signal Level and
Varying VDD with Channel 1, Gain = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com