Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR0201JVR010J Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR0201JVR010J
Description  Current Sensing Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR0201JVR010J Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CSR0201JVR010J Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010J Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010J Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010J Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010J Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010J Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010J Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
 
Construction
Unit: mm
Type
Size
(Inch)
L
W
T
D1
D2
Weight
(g)
(1000pcs)
CSR0201
0201
0.60±0.03
0.30±0.03
0.23±0.05
0.12±0.05
0.15±0.05
0.18
CSR0402
0402
1.00±0.05
0.50±0.05
0.32±0.10
0.25±0.10
0.20±0.10
0.7
CSR0603
0603
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
1.99
CSR0805
0805
2.00±0.10
1.25±0.10
0.55±0.10
0.30±0.20
0.40±0.25
5.3
CSR1206
1206
3.10±0.10
1.55±0.10
0.55±0.10
0.50±0.30
0.40±0.25
8.82
CSR1210
1210
3.10±0.10
2.60±0.15
0.55±0.10
0.50±0.30
0.50±0.25
15.5
CSR2010
2010
5.00±0.10
2.50±0.15
0.60±0.15
0.60±0.30
0.50±0.25
27.03
CSR2512
2512
6.35±0.10
3.10±0.15
0.60±0.10
0.60±0.30
0.55±0.25
43.08
CSR2512
(2W)
2512
(10 - 99mΩ)
6.35±0.20
3.15±0.15
0.74±0.10 
0.60±0.30 
0.55±0.25 
53.08
CSR2512
(2W)
2512
(100 - 1000mΩ)
6.35±0.20
3.15±0.15
0.74±0.10 
0.60±0.30 
2.10±0.10 
53.08
CSR1225
1225
3.10±0.15
6.30±0.15
0.90±0.15
0.60±0.30
0.55±0.25
64.88
CSR3720
3720
2.00±0.20
3.75±0.20
0.60±0.10
0.40±0.20
0.40±0.20
19.96
CSR7520
7520
2.00±0.20
7.50±0.30
0.60±0.10
0.40±0.20
0.40±0.20
35.71
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Alumina Substrate
Edge Electrode (NiCr) Resistor Layer (Ag/Pd)
Bottom Electrode (Ag) Barrier Layer (Ni)
Primary Overcoat (Glass)
Top Electrode (Ag-Pd) External Electrode (Sn) Secondary Overcoat (Epoxy)
D2
L
T
D1
 
w
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com