Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV775C Datasheet(PDF) 5 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 5 Page - Analog Devices

  AV775C Datasheet HTML 1Page - Analog Devices AV775C Datasheet HTML 2Page - Analog Devices AV775C Datasheet HTML 3Page - Analog Devices AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD775
REV. 0
–5–
–30
–54
0.1
1
10
–36
–42
–48
fIN – MHz
Figure 5. THD vs. Input Frequency at 20 MSPS Clock Rate
(VIN = –0.3 dB)
0
–100
10.0
–70
–90
1.0
–80
0
–40
–60
–50
–30
–20
–10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
FREQUENCY – MHz
Figure 6. Typical FFT at 5 MHz Input, 20 MSPS Clock Rate
(VIN = –0.5 dB)
+1
–1
+FULLSCALE
–FULLSCALE
0
Figure 7. Typical Integral Nonlinearity (INL)
54
48
0
0.1
1
10
42
36
30
24
18
12
6
fIN – MHz
Figure 2. S/(N + D) vs. Input Frequency at 20 MSPS Clock
Rate (VIN = –0.3 dB)
0
–100
10.0
–70
–90
1.0
–80
0
–40
–60
–50
–30
–20
–10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
FREQUENCY – MHz
Figure 3. Typical FFT at 1 MHz Input, 20 MSPS Clock Rate
(VIN = –0.5 dB)
+0.4
–0.4
+FULLSCALE
–0.2
–0.3
–FULLSCALE
0
–0.1
+0.1
+0.2
+0.3
Figure 4. Typical Differential Nonlinearity (DNL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com