Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7769 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7769
Description  LC2MOS Analog I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 5 Page - Analog Devices

  AD7769 Datasheet HTML 1Page - Analog Devices AD7769 Datasheet HTML 2Page - Analog Devices AD7769 Datasheet HTML 3Page - Analog Devices AD7769 Datasheet HTML 4Page - Analog Devices AD7769 Datasheet HTML 5Page - Analog Devices AD7769 Datasheet HTML 6Page - Analog Devices AD7769 Datasheet HTML 7Page - Analog Devices AD7769 Datasheet HTML 8Page - Analog Devices AD7769 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7769
–5–
REV. A
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND or DGND . . . . . . . . . . . . . . . . . –0.3 V, +15 V
VCC to DGND . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V or 7 V
(Whichever is Lower)
AGND to DGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Inputs to DGND
(Pins 12, 13, 15–18) . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Outputs to DGND
(Pins 3–10, 11) . . . . . . . . . . . . . . . . . . . –0.3 V, VCC +0.3 V
Analog Inputs to AGND . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Analog Outputs to AGND . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Power Dissipation (Any Package)
to +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
Derates Above +75
°C by . . . . . . . . . . . . . . . . . . . 6 mW/°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one Absolute
Maximum Rating may be applied at any one time.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7769 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD7769JN
0
°C to +70°C
N-28
AD7769JP
0
°C to +70°C
P-28A
AD7769AN
–40
°C to +85°C
N-28
AD7769AP
–40
°C to +85°C
P-28A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.
NOTE
Do not allow VCC to exceed VDD by more than 0.3 V. In cases
where this can happen the diode protection scheme shown
below is recommended.
PIN CONFIGURATIONS
DIP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com