Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1081AI Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ1081AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AOZ1081
Rev. 1.1 April 2009
www.aosmd.com
Page 6 of 16
Typical Performance Characteristics
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Normalized Switching Frequency vs. VIN
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
46
8
10
12
14
16
VIN (V)
46
8
10
12
14
16
VIN (V)
Normalized Feedback Voltage Variation vs. VIN
1.05
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
0.95
0
0.2
0.4
0.6
VOUT = 7.2V
VOUT = 3.6V
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Load Current (A)
Efficiency (VIN) vs. Load Current
100
95
90
85
80
75
Digital Dimming vs. LED Current
200Hz PWM Signal on EN Pin
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
102030405060708090
100
PWM Duty Cycle (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com