Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD781 Datasheet(PDF) 4 Page - Analog Devices

Part # AD781
Description  Complete 700 ns Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD781 Datasheet(HTML) 4 Page - Analog Devices

  AD781 Datasheet HTML 1Page - Analog Devices AD781 Datasheet HTML 2Page - Analog Devices AD781 Datasheet HTML 3Page - Analog Devices AD781 Datasheet HTML 4Page - Analog Devices AD781 Datasheet HTML 5Page - Analog Devices AD781 Datasheet HTML 6Page - Analog Devices AD781 Datasheet HTML 7Page - Analog Devices AD781 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD781
REV. A
–4–
80
0
1M
20
10
10
1
40
30
50
60
70
100k
10k
1k
100
FREQUENCY – Hz
V+
V–
Power Supply Rejection Ratio vs.
Frequency
200
–200
10
–100
–150
–5
–10
0
–50
50
100
150
5
0
INPUT VOLTAGE – V
Bias Current vs. Input Voltage
10.0
0.001
0
150
1.0
0.01
25
0.1
125
100
75
50
TEMPERATURE –
°C
Droop Rate vs. Temperature,
VIN = 0 V
5
1
150
2
–50
–75
3
4
125
100
75
50
25
0
–25
TEMPERATURE –
°C
Supply Current vs. Temperature
1000
0
0
10
750
250
2
500
8
6
4
INPUT STEP – V
Acquisition Time (to 0.01%) vs.
Input Step Size
–10
–30
100
1M
–15
–25
1k
–20
100k
10k
FREQUENCY – Hz
Effective Aperture Delay vs.
Frequency
5
1
±15
2
±11
±10
3
4
±14
±13
±12
SUPPLY VOLTAGE – V
Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com