Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHS Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MHS
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHS Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MHS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MHS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
W.V(V)
Cap (F)
22
25
30
35
22
25
30
35
22
25
30
35
22
25
30
35
2200
22x30
2.05
22x25
1.90
25x25
2.05
2700
22x30
2.10
25x25
2.10
3300
22x25
2.20
22x30
2.25
25x25
2.25
30x25
2.30
3900
22x30
2.25
25x25
2.25
22x35
2.50
25x30
2.50
30x25
2.50
4700
30x40
2.10
22x25
2.20
22x30
2.35
25x25
2.35
22x40
2.65
25x35
2.65
30x25
2.65
5600
22x30
2.40
25x25
2.40
22x35
2.55
25x30
2.50
30x25
2.55
22x45
2.95
25x40
3.00
30x30
3.00
6800
22x35
2.55
25x25
2.55
22x40
2.80
25x35
2.82
30x25
2.80
22x50
3.30
25x45
3.30
30x35
3.30
35x30
3.30
8200
22x25
2.50
22x40
2.80
25x30
2.70
30x25
2.80
22x45
3.04
25x40
3.10
30x30
3.10
25x50
3.80
30x40
3.80
35x30
3.80
10000
22x30
2.65
25x25
2.65
22x40
3.10
25x35
3.10
30x25
3.10
22x50
3.65
25x40
3.65
30x30
3.65
30x45
4.20
35x35
4.20
12000
22x35
3.10
25x25
3.10
35x10
3.25
22x45
3.57
25x40
3.65
30x30
3.65
25x45
4.00
30x35
4.10
35x30
4.00
30x50
4.80
35x40
4.80
15000
22x40
3.55
25x30
3.38
30x25
3.55
22x50
3.88
25x45
4.00
30x35
4.00
35x30
4.00
25x50
4.15
30x40
4.45
35x35
4.45
30x50
4.65
35x45
5.20
18000
22x45
4.10
25x35
4.10
30x30
4.10
25x50
4.45
30x40
4.45
35x35
4.45
30x45
5.20
35x40
5.20
35x50
6.10
22000
22x50
4.50
25x40
4.35
30x30
4.35
30x45
5.20
35x40
5.20
35x45
6.10
35x60
6.45
27000
25x45
4.70
30x35
4.60
35x30
4.70
30x50
6.10
35x40
6.10
35x50
6.40
33000
30x40
5.25
35x35
5.25
35x50
6.45
39000
30x45
5.60
35x35
5.60
47000
30x50
5.85
35x40
5.85
16(1C)
25(1E)
35(1V)
50(1H)
W.V(V)
Cap ( F)
 22
 25
 30
 35
 22
 25
 30
 35
 22
 25
 30
 35
820
22x25
1.50
1000
22x25
1.50
22x30
1.70
25x25
1.70
1200
22x30
1.65
25x25
1.65
22x35
1.85
25x25
1.80
30x25
1.85
1500
22x25
1.70
22x30
1.80
25x25
1.80
22x40
2.30
25x30
2.20
30x25
2.30
1800
22x30
1.90
25x25
1.90
22x35
2.20
25x30
2.20
30x25
2.20
22x45
2.50
25x40
2.50
30x30
2.50
2200
22x30
2.20
25x25
2.2
22x40
2.50
25x35
2.50
30x25
2.50
22x50
2.80
25x45
2.80
30x30
2.80
2700
22x35
2.40
25x30
2.40
30x25
2.40
22x45
2.60
25x40
2.70
30x30
2.70
25x50
3.20
30x35
3.10
35x30
3.10
3300
22x40
2.70
25x35
2.70
30x25
2.70
22x50
2.90
25x45
3.00
30x35
3.00
35x30
3.00
30x40
3.40
35x35
3.40
3900
22x45
2.90
25x40
2.90
30x30
2.90
25x50
3.20
30x40
3.20
35x30
3.20
30x50
3.80
35x40
3.80
4700
22x50
3.04
25x45
3.10
30x30
3.10
30x45
3.50
35x35
3.50
35x45
4.00
5600
25x50
3.40
30x40
3.40
35x30
3.40
30x50
3.90
30x40
3.90
35x50
4.30
6800
30x45
3.90
35x35
3.90
35x45
4.30
8200
30x50
4.40
35x35
4.40
35x50
4.90
10000
35x40
4.90
35x70
5.20
35x70
4.55
12000
35x45
5.40
35x60
5.10
15000
35x60
5.90
22000
35x70
6.00
10000
35x60
5.10
35x60
5.00
35x60
4.50
12000
35x60
5.60
35x60
5.10
15000
35x60
6.10
22000
35x70
6.40
63(1J)
80(1K)
100(2A)
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
MHS Series
rev.7a



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com