Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7808BR Datasheet(PDF) 21 Page - Analog Devices

Part # AD7808BR
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7808BR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7808BR Datasheet HTML 17Page - Analog Devices AD7808BR Datasheet HTML 18Page - Analog Devices AD7808BR Datasheet HTML 19Page - Analog Devices AD7808BR Datasheet HTML 20Page - Analog Devices AD7808BR Datasheet HTML 21Page - Analog Devices AD7808BR Datasheet HTML 22Page - Analog Devices AD7808BR Datasheet HTML 23Page - Analog Devices AD7808BR Datasheet HTML 24Page - Analog Devices AD7808BR Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CURRENT – mA
0.150000
0.075000
0.000000
–0.5
0.5
–0.4 –0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.125000
0.100000
0.050000
0.025000
SINK CURRENT
SOURCE CURRENT
VDD = 5.5V
VDD = 3V
MAIN DAC = ZERO SCALE
SUB DAC = MID SCALE
VBIAS = VDD/2
TA = +25 C
Figure 29. Sink and Source Current with Zero Scale
Loaded to DAC. VDD = 5 V and VDD = 3 V
5.200000
5.140000
5.100000
–6.0
6.0
–4.0
–2.0
0.0
2.0
4.0
5.180000
5.160000
5.120000
SINK CURRENT
SOURCE CURRENT
RL =
RL = 2k
CURRENT – mA
VDD = 5.5V
MAIN DAC = FULL SCALE
SUB DAC = MID SCALE
VBIAS = VDD/2
TA = +25 C
Figure 30. Sink and Source Current at Full Scale with
VDD = 5 V
2.850000
2.790000
2.750000
–6.0
6.0
–4.0
–2.0
0.0
2.0
4.0
2.830000
2.810000
2.770000
SINK CURRENT
SOURCE CURRENT
RL =
RL = 2k
CURRENT – mA
VDD = 3V
MAIN DAC = FULL SCALE
SUB DAC = MID SCALE
VBIAS = VDD/2
TA = +25 C
Figure 31. Sink and Source Current at Full Scale with
VDD = 3 V
2.0
1.0
0.0
–1.0
–2.0
0
100
200
300
400
500
600
700
800
900 1023
DAC CODE
1.5
0.5
–0.5
–1.5
AVDD = DVDD = 5V
VBIAS = VDD/2
TA = +25 C
SUB DAC LOADED WITH
1/2 SCALE
Figure 32. Integral Linearity with 5 V Operation
2.0
1.0
0.0
–1.0
–2.0
0
100
200
300
400
500
600
700
800
900 1023
DAC CODE
1.5
0.5
–0.5
–1.5
AVDD = DVDD = 3V
VBIAS = VDD/2
TA = +25 C
SUB DAC LOADED WITH
1/2 SCALE
Figure 33. Integral Linearity with 3 V Operation
1.225
1.216
0
200
40
80
120
160
1.224
ns
1.223
1.222
1.221
1.220
1.219
1.218
1.217
180
20
60
100
140
VDD = 3V
RL = 2k ||100pF
CODE CHANGE
011111 1111 TO
100000 0000
TA = +25 C
Figure 34. Digital-to-Analog Glitch Impulse
Typical Performance Characteristics–AD7804/AD7805/AD7808/AD7809
REV. A
–21–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com