Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7822 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7822
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7822 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7822 Datasheet HTML 5Page - Analog Devices AD7822 Datasheet HTML 6Page - Analog Devices AD7822 Datasheet HTML 7Page - Analog Devices AD7822 Datasheet HTML 8Page - Analog Devices AD7822 Datasheet HTML 9Page - Analog Devices AD7822 Datasheet HTML 10Page - Analog Devices AD7822 Datasheet HTML 11Page - Analog Devices AD7822 Datasheet HTML 12Page - Analog Devices AD7822 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7822/AD7825/AD7829
–9–
REV. B
VREF
VMID
VIN
R3
R4
R2
R1
V
V
0V
VIN
0V
2.5V
AD7822/
AD7825/
AD7829
2.5V
Figure 9. Accommodating Bipolar Signals Using
External VMID
R2
VREF
VMID
VIN
EXTERNAL
2.5V
R3
R4
R1
V
V
0V
VIN
0V
VMID
AD7822/
AD7825/
AD7829
Figure 10. Accommodating Bipolar Signals Using
Internal VMID
NOTE: Although there is a VREF pin from which a voltage refer-
ence of 2.5 V may be sourced, or to which an external reference
may be applied, this does not provide an option of varying
the value of the voltage reference. As stated in the specifications
for the AD7822, AD7825, and AD7829, the input voltage range
at this pin is 2.5 V
± 2%.
Analog Input Structure
Figure 11 shows an equivalent circuit of the analog input structure
of the AD7822, AD7825, and the AD7829. The two diodes, D1
and D2, provide ESD protection for the analog inputs. Care
must be taken to ensure that the analog input signal never exceeds
the supply rails by more than 200 mV. This will cause these
diodes to become forward biased and start conducting current into
the substrate. 20 mA is the maximum current these diodes can
conduct without causing irreversible damage to the part. How-
ever, it is worth noting that a small amount of current (1 mA)
being conducted into the substrate due to an over voltage on an
unselected channel, can cause inaccurate conversions on a
selected channel. The capacitor C2 in Figure 11 is typically
about 4 pF and can be primarily attributed to pin capacitance.
The resistor, R1, is a lumped component made up of the on
resistance of several components, including that of the multi-
plexer and the track and hold. This resistor is typically about
310
Ω. The capacitor C1 is the track-and-hold capacitor and
has a capacitance of 0.5 pF. Switch 1 is the track-and-hold switch,
while Switch 2 is that of the sampling capacitor as shown in
Figures 2 and 3.
VIN
C2
4pF
D1
D2
R1
310
SW1
C1
0.5pF A
B
SW2
VDD
Figure 11. Equivalent Analog Input Circuit
When in track phase, Switch 1 is closed and Switch 2 is in
Position A; when in hold mode, Switch 1 opens while Switch
2 remains in Position A. The track-and-hold remains in hold
mode for 120 ns—see Circuit Description—after which it returns
to track mode and the ADC enters its conversion phase. At this
point, Switch 1 opens and Switch 2 moves to Position B. At the
end of the conversion, Switch 2 moves back to Position A.
Analog Input Selection
On power-up, the default VIN selection is VIN1. When returning
to normal operation from power-down, the VIN selected will be
the same one that was selected prior to power-down being initiated.
Table II below shows the multiplexer address corresponding to
each analog input from VIN1 to VIN4(8) for the AD7825 or AD7829.
Table II.
A2
A1
A0
Analog Input Selected
00
0
VIN1
00
1
VIN2
01
0
VIN3
01
1
VIN4
10
0
VIN5
10
1
VIN6
11
0
VIN7
11
1
VIN8
Channel selection on the AD7825 and AD7829 is made without
the necessity of a write operation. The address of the next channel
to be converted is latched at the start of the current read operation,
i.e., on the falling edge of RD while CS is low, as shown in Figure
12. This allows for improved throughput rates in “channel
hopping” applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com